Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP97FPZ Datasheet(PDF) 12 Page - Analog Devices

Part # OP97FPZ
Description  Low Power, High Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP97FPZ Datasheet(HTML) 12 Page - Analog Devices

Back Button OP97FPZ Datasheet HTML 8Page - Analog Devices OP97FPZ Datasheet HTML 9Page - Analog Devices OP97FPZ Datasheet HTML 10Page - Analog Devices OP97FPZ Datasheet HTML 11Page - Analog Devices OP97FPZ Datasheet HTML 12Page - Analog Devices OP97FPZ Datasheet HTML 13Page - Analog Devices OP97FPZ Datasheet HTML 14Page - Analog Devices OP97FPZ Datasheet HTML 15Page - Analog Devices OP97FPZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
OP97
Rev. F | Page 12 of 16
AC PERFORMANCE
The ac characteristics of the OP97 are highly stable over its full
operating temperature range. Unity-gain small-signal response
is shown in Figure 30. Extremely tolerant of capacitive loading
on the output, the OP97 displays excellent response even with
1000 pF loads (see Figure 31). In large signal applications, the
input protection diodes effectively short the input to the output
during the transients if the amplifier is connected in the usual
unity-gain configuration. The output enters short-circuit current
limit, with the flow going through the protection diodes.
Improved large signal transient response is obtained by using a
feedback resistor between the output and the inverting input.
Figure 32 shows the large-signal response of the OP97 in unity-
gain with a 10 kΩ feedback resistor. The unity-gain follower
circuit is shown in Figure 33.
The overcompensation pin (Pin 5) can be used to increase the
phase margin of the OP97 or to decrease gain bandwidth
product at gains greater than 10.
20mV
5µs
100
90
10
0%
Figure 30. Small Signal Transient Response
(CLOAD = 100 pF, AVCL = 1)
100
90
10
0%
20mV
5µs
Figure 31. Small-Signal Transient Response
(CLOAD = 1000 pF, AVCL = 1)
100
90
10
0%
20µs
2V
Figure 32. Large Signal Transient Response (AVCL = 1)
VOUT
VIN
OP97
10kΩ
2
3
6
Figure 33. Unity-Gain Follower
100
90
10
0%
20mV
5µs
Figure 34. Small Signal Transient Response with Overcompensation
(CLOAD = 1000 pF, AVCL = 1, COC = 220 pF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com