Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP113FSZ Datasheet(PDF) 21 Page - Analog Devices

Part # OP113FSZ
Description  Low Noise, Low Drift Single-Supply Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP113FSZ Datasheet(HTML) 21 Page - Analog Devices

Back Button OP113FSZ Datasheet HTML 16Page - Analog Devices OP113FSZ Datasheet HTML 17Page - Analog Devices OP113FSZ Datasheet HTML 18Page - Analog Devices OP113FSZ Datasheet HTML 19Page - Analog Devices OP113FSZ Datasheet HTML 20Page - Analog Devices OP113FSZ Datasheet HTML 21Page - Analog Devices OP113FSZ Datasheet HTML 22Page - Analog Devices OP113FSZ Datasheet HTML 23Page - Analog Devices OP113FSZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
OP113/OP213/OP413
Rev. F | Page 21 of 24
Model
Temperature Range
Package Description
Package Options
OP413ES
−40°C to +85°C
16-Lead Wide Body SOIC_W
RW-16 (S-Suffix)
OP413ES-REEL
−40°C to +85°C
16-Lead Wide Body SOIC_W
RW-16 (S-Suffix)
OP413ESZ1
−40°C to +85°C
16-Lead Wide Body SOIC_W
RW-16 (S-Suffix)
OP413ESZ-REEL1
−40°C to +85°C
16-Lead Wide Body SOIC_W
RW-16 (S-Suffix)
OP413FS
−40°C to +85°C
16-Lead Wide Body SOIC_W
RW-16 (S-Suffix)
OP413FS-REEL
−40°C to +85°C
16-Lead Wide Body SOIC_W
RW-16 (S-Suffix)
OP413FSZ1
−40°C to +85°C
16-Lead Wide Body SOIC_W
RW-16 (S-Suffix)
OP413FSZ-REEL1
−40°C to +85°C
16-Lead Wide Body SOIC_W
RW-16 (S-Suffix)
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com