Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5970 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L5970
Description  UP TO 1A STEP DOWN SWITCHING REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5970 Datasheet(HTML) 2 Page - STMicroelectronics

  L5970 Datasheet HTML 1Page - STMicroelectronics L5970 Datasheet HTML 2Page - STMicroelectronics L5970 Datasheet HTML 3Page - STMicroelectronics L5970 Datasheet HTML 4Page - STMicroelectronics L5970 Datasheet HTML 5Page - STMicroelectronics L5970 Datasheet HTML 6Page - STMicroelectronics L5970 Datasheet HTML 7Page - STMicroelectronics L5970 Datasheet HTML 8Page - STMicroelectronics L5970 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
L5970D
2/10
PINS CONNECTION (Top View)
PINS FUNCTION
THERMAL DATA
(*) Package mounted on board
ABSOLUTE MAXIMUM RATINGS
N.
Name
Description
1
OUT
Regulator Output.
2
SYNC
Master/slave synchronization.
3
INH
A logical signal (active high) disables the device. If INH not used the pin must be grounded.
When it is open an internal pull-up disable the device.
4
COMP
E/A output for frequency compensation.
5
FB
Feedback input. Connecting directly to this pin results in an output voltage of 1.23V. An external
resistive divider is required for higher output voltages.
6VREF
3.3V VREF. No cap is requested for stability.
7
GND
Ground.
8VCC
Unregulated DC input voltage.
Symbol
Parameter
Value
Unit
Rth (j-amb) Thermal Resistance Junction to ambient Max.
120 (*)
°C/W
Symbol
Parameter
Value
Unit
V8
Input Voltage
40
V
V1
Output DC voltage
Output peak voltage at t = 0.1
µs
-1 to 40
-5 to 40
V
V
I1
Maximum output current
int. limit.
V4, V5
Analog pins
4
V
V3
INH
-0.3V to VCC
V2
SYNC
-0.3 to 4
V
Ptot
Power dissipation at Tamb ≤ 60°C
0.75
W
Tj
Operating junction temperature range
-40 to 150
°C
Tstg
Storage temperature range
-55 to 150
°C
OUT
SYNC
INH
COMP
1
3
2
4
VCC
VREF
GND
FB
8
7
6
5
D98IN955



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com