Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8671ARM-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8671ARM-R2
Description  Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8671ARM-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8671ARM-R2 Datasheet HTML 5Page - Analog Devices AD8671ARM-R2 Datasheet HTML 6Page - Analog Devices AD8671ARM-R2 Datasheet HTML 7Page - Analog Devices AD8671ARM-R2 Datasheet HTML 8Page - Analog Devices AD8671ARM-R2 Datasheet HTML 9Page - Analog Devices AD8671ARM-R2 Datasheet HTML 10Page - Analog Devices AD8671ARM-R2 Datasheet HTML 11Page - Analog Devices AD8671ARM-R2 Datasheet HTML 12Page - Analog Devices AD8671ARM-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD8671/AD8672/AD8674
Rev. C | Page 9 of 16
VIN
VOUT
0V
VS = ±15V
VIN = 200mV p-p
AV = –100
RL = 10kΩ
0V
TIME (4
μs/DIV)
Figure 25. Positive Overdrive Recovery
VIN
VOUT
VSY = ±15V
VIN = 200mV p-p
AV = –100
RL = 10kΩ
0V
0V
TIME (4
μs/DIV)
Figure 26. Negative Overdrive Recovery
FREQUENCY (Hz)
1k
1M
40
60
80
100
140
160
100k
10k
10M
120
20
0
–20
–40
100M
VSY = ±15V
100
10
Figure 27. CMRR vs. Frequency
FREQUENCY (Hz)
1k
1M
40
60
80
100
140
160
100k
10k
10M
120
20
0
–20
–40
VSY = ±15V
100
–PSRR
+PSRR
10
Figure 28. PSRR vs. Frequency
127
128
129
130
131
132
133
134
135
TEMPERATURE (°C)
–40
85
25
125
VS = ±2.5V TO ±18V
Figure 29. PSRR vs. Temperature
VS = ±15V
TIME (1
μs/DIV)
Figure 30. 0.1 Hz to 10 Hz Input Voltage Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com