Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPC5 Datasheet(PDF) 1 Page - TT Electronics.

Part # BPC5
Description  3W to 10W Planar High Power Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

BPC5 Datasheet(HTML) 1 Page - TT Electronics.

  BPC5 Datasheet HTML 1Page - TT Electronics. BPC5 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3W to 10W Planar High
Power Resistors
BPC Series
Non-Inductive planar package
High power density.
Thin package for high density PCB installation.
Power dissipated above the board.
Applications
Power supply pre-load resistors.
UPS systems
Snubber and pulse handling circuits.
Pulse generator load resistors.
In-rush current protection
Bleeder Resistors
Model
BPC3
BPC5
BPC7
BPC10
Leads:
Tin Plated Copper Alloy
Substrate: 96% Alumina
Resistor: Thick Film
Dim A
0.40
10.16
0.50
12.70
0.75
19.05
1.00
25.40
Dim B
0.20
5.08
0.20
5.08
0.50
12.70
0.80
20.32
Specification (Dimensions)
Materials
Items
Specification
Conditions
Power Rating
3W, 5W, 7.5W & 10W
@ ambient temp < 70°C
Operating Voltage Max
300Vac, 500VDC
Resistance Range
0.1Ω to 200 KΩ
Extended resistance range available.
TCR
100 ppm/°C
For -55 to +155°C and above 1Ω.
Tolerance
10, optional +/-5% , 1%, 2%
Operating Temp. Range
-55 - +155 °C
Dielectric Withstand Voltage
5000 Volts minimum
Mechanical Shock
ΔR +/- 0.25 %
100G.
Vibration
ΔR +/- 0.25 %
20G, 10 to 2KHz
Load Life
ΔR +/- 2.0 %
70°C, 90 min. ON, 30 min.OFF, 1000 hours.
Humidity
ΔR +/- 0.5 %
85°C, 85% RH, DC 0.1W, 1000 hours.
Temperature Cycle
ΔR +/- 0.5%
-55°C, 30 min.,+155°C 30min., 5cycles.
Solder Heat (Max)
ΔR +/- 0.25 %
260+/-5°C, 10 seconds,
Solderability
Min 95% coverage
230+/-5°C, 5 seconds.
Insulation Resistance
Over 1000 MΩ
Notes:
1. Contact factory for custom products, non-standard values and tolerances.
Dim. A
±.015
±.381
.100
2.54
Maximum
Overall
Thickness
.010±.002
.254±.050
.026
.660
.050
1.27
.026
.670
.020±.002
.508±.050
±.010
±.254
Dim.B
.075
1.905
.125+.0.25/-.000
3.175+.635/-.000
1.000±.015
25.4±.381
1.090
27.686
Max.
Resistors
BI Technologies IRC Welwyn
06.18
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
All parts are Pb-free and comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)
All parts are Pb-free and comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)


Similar Part No. - BPC5

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
BPC5 TTELEC-BPC5 Datasheet
283Kb / 2P
3W to 10W Planar High Power Resistors
logo
Bookham, Inc.
BPC50C BOOKHAM-BPC50C Datasheet
234Kb / 4P
50W 9xxnm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
BPC50C-915-01 BOOKHAM-BPC50C-915-01 Datasheet
234Kb / 4P
50W 9xxnm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
BPC50C-940-01 BOOKHAM-BPC50C-940-01 Datasheet
234Kb / 4P
50W 9xxnm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
BPC50C-980-01 BOOKHAM-BPC50C-980-01 Datasheet
234Kb / 4P
50W 9xxnm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
More results

Similar Description - BPC5

ManufacturerPart #DatasheetDescription
logo
Bi technologies
BPC BITECH-BPC Datasheet
1Mb / 2P
3W to 10W PLANAR HIGH POWER RESISTORS
BPR BITECH-BPR Datasheet
1Mb / 2P
3W to 50W PLANAR SHOCK / VIBRATION PROOF HIGH POWER RESISTORS
logo
Welwyn Components Limit...
4500 WELWYN-4500 Datasheet
130Kb / 2P
HIGH VOLTAGE PLANAR RESISTORS
LRF3W WELWYN-LRF3W Datasheet
306Kb / 3P
Low Value 3W Chip Resistors
logo
RCD COMPONENTS INC.
ML2010V-R100-FB RCD-ML2010V-R100-FB Datasheet
38Kb / 1P
LOW-OHM CHIP RESISTORS, 0.1W TO 3W
TP05-1R00-DBW RCD-TP05-1R00-DBW Datasheet
61Kb / 1P
HIGH POWER PLANAR RESISTORS, 5W to 100W
logo
Bi technologies
LRF3W-R05JW BITECH-LRF3W-R05JW Datasheet
139Kb / 3P
Low Value 3W Chip Resistors
logo
TT Electronics.
4500 TTELEC-4500_17 Datasheet
449Kb / 3P
High Voltage Planar Resistors
BPC TTELEC-BPC_17 Datasheet
283Kb / 2P
3W to 10W Planar High Power Resistors
BPR TTELEC-BPR_17 Datasheet
596Kb / 2P
3W to 50W Planar Shock
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com