Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCS9888 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADCS9888
Description  205/170/140 MSPS Video Analog Front End
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADCS9888 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADCS9888 Datasheet HTML 1Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 2Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 3Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 4Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 5Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 6Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 7Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 8Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
ADCS9888
205/170/140 MSPS Video Analog Front End
General Description
The ADCS9888 is a high performance Analog Front End
(AFE) for digital video applications at resolutions up to
UXGA. It performs all the analog and mixed signal functions
necessary to digitize a variety of computer and component
video sources. The ADCS9888 has a 3 channel, 8 bit 205
MHz ADC with full DC restoration and gain/offset compen-
sation. Full processing of synchronization signals is included
with on-chip PLL locked to the pixel rate. Digital sync and
analog sync-on-green signals are supported. Flexible data
output modes support a variety of downstream data capture
and processing applications.
Features
n
205 million pixels/s conversion rate
n
Digitally programmed gain and offset for red, green and
blue color balancing
n
Compatible with RGB and YUV/YPbPr video signals
n
Output format supports 4:2:2 video pulldown
Key Specifications
n
Output data resolution
8 bits x 3 channels
n
Maximum pixel conversion rate
205 MHz
n
Analog input bandwidth (typical)
500 MHz
n
PLL clock jitter (typical)
570 ps p-p
n
Analog supply voltage
3.0 V to 3.6 V
n
I/O supply voltage
2.2 V to 3.6 V
n
Power dissipation (typical)
1.3W
Applications
n
LCD flat panel monitors
n
Video projectors
n
Plasma display panels
n
Video capture hardware
n
RGB and YUV video processing
Typical Application
20062801
Ordering Information
Temperature Range
0˚C
≤ T
A
≤ +70˚C
NSC Drawing
Order Number
Device Marking
VLA128A
ADCS9888CVH
1-205
ADCS9888CVH-205
ADCS9888CVH
1-170
ADCS9888CVH-170
ADCS9888CVH
1-140
ADCS9888CVH-140
Notes:1 - Tray transport media, 66 parts per tray.
March 2005
© 2005 National Semiconductor Corporation
DS200628
www.national.com


Similar Part No. - ADCS9888

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADCS9888 NSC-ADCS9888 Datasheet
764Kb / 34P
205/170/140 MSPS Video Analog Front End
logo
Texas Instruments
ADCS9888 TI2-ADCS9888 Datasheet
990Kb / 33P
High Performance Quad DVGA
DECEMBER 2012
More results

Similar Description - ADCS9888

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9888 AD-AD9888 Datasheet
249Kb / 32P
100/140/170/205 MSPS Analog Flat Panel Interface
logo
Elantec Semiconductor
EL4501C ELANTEC-EL4501C Datasheet
183Kb / 10P
Video Front End
logo
NXP Semiconductors
PNX3000 PHILIPS-PNX3000 Datasheet
285Kb / 51P
Analog front end for digital video processors
2004 Oct 04
logo
National Semiconductor ...
ADCS9888 NSC-ADCS9888 Datasheet
764Kb / 34P
205/170/140 MSPS Video Analog Front End
logo
Intersil Corporation
EL4501 INTERSIL-EL4501 Datasheet
477Kb / 19P
Video Front End
July 7, 2004
EL4501 INTERSIL-EL4501_06 Datasheet
365Kb / 19P
Video Front End
April 28, 2006
logo
Analog Devices
AD9888 AD-AD9888_11 Datasheet
501Kb / 36P
100 MSPS/140 MSPS/170 MSPS Analog Flat Panel Interface
REV. C
AD9888 AD-AD9888_15 Datasheet
501Kb / 36P
100 MSPS/140 MSPS/170 MSPS Analog Flat Panel Interface
REV. C
logo
Texas Instruments
LM98722 TI1-LM98722_15 Datasheet
5Mb / 150P
Channel, 16-Bit, 45 MSPS Analog Front End
logo
Renesas Technology Corp
EL4501 RENESAS-EL4501 Datasheet
924Kb / 20P
Video Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com