Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DJS-345 Datasheet(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

Part # DJS-345
Description  4 PORT 0쨘/180쨘 HYBRID SURFACE MOUNT MODEL
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

DJS-345 Datasheet(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  DJS-345 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION DJS-345 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION DJS-345 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION DJS-345 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
30 - 450 MHz
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
Copyright © 2006 Synergy Microwave Corporation
FREQUENCY
4 PORT 0º/180º HYBRID
SURFACE MOUNT MODEL: DJS-345
FEATURES:
► Ultra-Wide Bandwidth (15:1)
► High Power Handling
► Closely Controlled
Phase/Amplitude Unbalance
► Lead Free Rel-Pro® Technology
► Small Size, Surface Mount
SPECIFICATIONS
Frequency
30 - 450 MHz
Package #
301LF-1
PORT IDENTIFICATION
Sum ( Σ )
Delta ( Δ )
0º Output
180º Output
GND
8
1
4
5
All Others
Insertion Loss (dB) *
Typ.
Max.
0.75
1.2
Amplitude Unbalance (dB)
Typ.
Max.
0.3
0.8
Phase Unbalance (Deg.)
Typ.
Max.
± 2.5º
± 4º
Isolation (dB)
Typ.
Min.
23
18
Input Power Rating
5 Watts (Nom.)
Impedance
50 Ohms (Nom.)
VSWR
Sum Input
All Other
1.22:1 (Typ.)
1.25:1 (Typ.)
Operating Temperature Range
-30 to +70 °C
* Above theoretical split loss of 3 dB.


Similar Part No. - DJS-345

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DJS-0.1 ETC-DJS-0.1 Datasheet
75Kb / 1P
Conductivity Electrode User Manual
More results

Similar Description - DJS-345

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
SMJ-CA13 SYNERGY-SMJ-CA13 Datasheet
87Kb / 2P
SURFACE MOUNT 180쨘 HYBRID WIDE BANDWIDTH 500 - 1500 MHz
SMJ-C8 SYNERGY-SMJ-C8 Datasheet
334Kb / 4P
4 PORT 0/180쨘 HYBRID SURFACE MOUNT
DQS-20-100 SYNERGY-DQS-20-100 Datasheet
708Kb / 4P
90쨘 HYBRID SURFACE MOUNT MODEL
DQS-30-150 SYNERGY-DQS-30-150 Datasheet
612Kb / 4P
90쨘 HYBRID SURFACE MOUNT MODEL
DQS-30-450LF SYNERGY-DQS-30-450LF Datasheet
242Kb / 4P
90쨘 HYBRID SURFACE MOUNT MODEL
DQS-100-1000 SYNERGY-DQS-100-1000 Datasheet
239Kb / 4P
90쨘 HYBRID SURFACE MOUNT MODEL
MSQ80300 SYNERGY-MSQ80300 Datasheet
362Kb / 3P
90쨘 HYBRID SURFACE MOUNT MODEL
KSJ-K5 SYNERGY-KSJ-K5 Datasheet
380Kb / 4P
4 port 0/180쨘 HYBRID
SJ-K5 SYNERGY-SJ-K5 Datasheet
359Kb / 4P
4 port 0/180쨘 HYBRID
DJK-2100 SYNERGY-DJK-2100 Datasheet
333Kb / 4P
4 PORT 0/180쨘 HYBRID
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com