Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2R-087P Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # P2R-087P
Description  A Wide Variety of Square and Round Sockets in Front-mounting and Back-mounting Models
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2R-087P Datasheet(HTML) 4 Page - Omron Electronics LLC

  P2R-087P Datasheet HTML 1Page - Omron Electronics LLC P2R-087P Datasheet HTML 2Page - Omron Electronics LLC P2R-087P Datasheet HTML 3Page - Omron Electronics LLC P2R-087P Datasheet HTML 4Page - Omron Electronics LLC P2R-087P Datasheet HTML 5Page - Omron Electronics LLC P2R-087P Datasheet HTML 6Page - Omron Electronics LLC P2R-087P Datasheet HTML 7Page - Omron Electronics LLC P2R-087P Datasheet HTML 8Page - Omron Electronics LLC P2R-087P Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4
Common Sockets
Round Sockets
Note: The structure of
@-E models provides finger protection. Round terminals cannot be used. Use forked crimp terminals.
* Use a #1 Phillips screwdriver to tighten the screws on this Socket.
Terminal Cover
Model
PF (front-mounting),
page 21
P2CF (front-mounting),
page 22
PFA (front-mounting),
page 23
P3G (back-mounting),
page 24
PL (back-mounting), page 25
Number
of pins
Solder
terminals
Wrapping
terminals
PCB
terminals
8 pins
11 pins
14 pins
---
---
---
---
---
20 pins
---
---
---
---
---
---
Model
Y92A-48G
Appearance
PF083A
Approx. 34 g
PF083A-E *
PF085A
Approx. 40 g
P2CF-08
Approx. 55 g
P2CF-08-E
8PFA
Approx.
57 g
8PFA1
Approx.
66 g
P3G-08
Approx. 40g
Note: The Y92A-48G
Terminal Cover
can be used to
provide finger
protection.
PL08
Approx. 14 g
PL08-Q
Approx. 15 g
PLE08-0
Approx.
10.6g
PF113A
Approx.
47 g
PF113A-E *
P2CF-11
Approx.
70g
P2CF-11-E
11PFA
Approx. 74 g
P3GA-11
Approx.
47 g
Note: The Y92A-48G
Terminal Cover
can be used to
provide finger
protection.
PL11
Approx. 15 g
PL11-Q
Approx.
18.5A
PLE11-0
Approx.
10.8 g
14PFA Approx. 104 g
PL15
Approx. 28 g
PL20
Approx. 17 g
Note: Refer to Models with Standards Certification for detailed information on the models of Common Sockets that are certified for standards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com