Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC-IR21 Datasheet(PDF) 1 Page - Teledyne FLIR LLC

Part # VSC-IR21
Description  THERMAL VIDEOSCOPE KITS WITH SPECIALTY PROBE OPTIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLIR [Teledyne FLIR LLC]
Direct Link  https://www.flir.eu/
Logo FLIR - Teledyne FLIR LLC

VSC-IR21 Datasheet(HTML) 1 Page - Teledyne FLIR LLC

  VSC-IR21 Datasheet HTML 1Page - Teledyne FLIR LLC VSC-IR21 Datasheet HTML 2Page - Teledyne FLIR LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For more information, visit:
www.flir.com/VS290
FLIR VS290™
THERMAL VIDEOSCOPE KITS WITH SPECIALTY PROBE OPTIONS
The FLIR VS290 is an industrial thermal and visual videoscope system designed to help professionals quickly
and safely find hidden dangers in difficult-to-access locations. Featuring a 160 × 120 true thermal imager
and FLIR MSX® (Multi-Spectral Dynamic Imaging)*, the VS290 gives users the power to see and measure
invisible hot spots before catastrophic equipment failures can occur. Early detection improves safety and
reliability and helps lower maintenance and replacement costs.
The small, sleek tips of the 2 m and 1 m camera probes make it possible to easily inspect through tight or
confined openings, improving productivity and reducing diagnostic time. The side-viewing probe options are
CAT IV 600 V safety rated – perfect for underground electrical vault inspections. The forward-viewing probe
option is a practical fit for general purpose equipment and building thermal scans. All are versatile tools for
the most demanding environments in utility, manufacturing, and building maintenance applications.
www.teledyneflir.com
Imagery for illustration purposes only. Equipment described herein is subject
to US export regulations and may require a license prior to export. Diversion
contrary to US law is prohibited. ©2021 Teledyne FLIR LLC, Inc. All rights
reserved. 11/2021
INSPECT DIFFICULT-TO-ACCESS AREAS SAFELY
Quickly find hidden faults without entering unsafe or hard-to-reach spaces
• Troubleshoot problems from a safe distance with the 160 × 120 true thermal imager
• Easily maneuver the narrow 2 m or 1 m field-replaceable camera probe to inspect underground electrical
distribution faults, inside large gearboxes, motors, attics, crawl spaces, and other cramped locations
• Instantly recognize the location of a temperature issue with FLIR MSX that embosses
scene details from the built-in visual camera onto the full thermal image*
• Navigate dark environments using the bright LED worklight*
IDENTIFY, DOCUMENT, AND SHARE
Improve workflow and communicate potential issues before they become major problems
• View findings clearly on the large 3.5-inch color display and use color alarms (isotherms) to quickly
identify problems
• Save images and videos using the included SD memory card then upload to a PC via USB-C Cable
• Quickly create reports using FLIR Thermal Studio Suite software and share findings with team
members to prioritize repairs
VERSATILE, RUGGED, AND RELIABLE
Use the VS290 system in the most demanding environments
• IP67 camera tips and IP54 base unit and probe provide a high level of protection against dust and water
• Easily replace or interchange the camera probe while in the field
• Conduct electrical inspections safely with CAT IV 600 V-rated VSC-IR32 and VSC-IR33 probes
VSC-IR21 Probe
19 mm round forward
viewing tip
VSC-IR32 Probe
11 mm rectangular side
viewing tip†
VSC-IR33 Probe
19 mm round side
viewing tip
* Visual camera, MSX, and worklight available on VSC-IR32 and VSC-IR33 probes only.
† Rectangular tip thinnest dimension
Available Options


Similar Part No. - VSC-IR21

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
VSC-10 KGS-VSC-10 Datasheet
356Kb / 1P
Snap-mount spacer and locking clamp
More results

Similar Description - VSC-IR21

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
GMQ-1-1-4 COOPER-GMQ-1-1-4 Datasheet
59Kb / 2P
Specialty Fuse
HWA-AF COOPER-HWA-AF Datasheet
29Kb / 1P
Specialty Fuses
logo
Extech Instruments Corp...
HDV610 EXTECH-HDV610 Datasheet
298Kb / 1P
High Definition VideoScope Inspection Camera Kits
HDV620 EXTECH-HDV620 Datasheet
298Kb / 1P
High Definition VideoScope Inspection Camera Kits
HDV650-10G EXTECH-HDV650-10G Datasheet
427Kb / 1P
HDV650 Series Plumbing VideoScope Kits
HDV650-30G EXTECH-HDV650-30G Datasheet
344Kb / 1P
HDV650 Series Plumbing VideoScope Kits
HDV650W-10G EXTECH-HDV650W-10G Datasheet
344Kb / 1P
HDV650 Series Plumbing VideoScope Kits
HDV650W-30G EXTECH-HDV650W-30G Datasheet
344Kb / 1P
HDV650 Series Plumbing VideoScope Kits
logo
Winchester Electronics ...
153155011 WINCHESTER-153155011 Datasheet
98Kb / 2P
Specialty Types
logo
Molex Electronics Ltd.
987650-8052 MOLEX-987650-8052 Datasheet
350Kb / 8P
SPECIALTY LIGHTING
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com