Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L604 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L604
Description  DARLINGTON ARRAYS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L604 Datasheet(HTML) 1 Page - STMicroelectronics

  L604 Datasheet HTML 1Page - STMicroelectronics L604 Datasheet HTML 2Page - STMicroelectronics L604 Datasheet HTML 3Page - STMicroelectronics L604 Datasheet HTML 4Page - STMicroelectronics L604 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
L601-L603
L602-L604
DARLINGTON ARRAYS
EIGHT DARLINGTONS PER PACKAGE
OUTPUT CURRENT 400 mA PER DRIVER (500
mA PEAK)
OUTPUT VOLTAGE 90 V (VCE (sus)) = 70 V)
INTEGRAL SUPPRESSION DIODES FOR
INDUCTIVE LOADS
OUTPUTS CAN B E PARALLELED FOR
HIGHER CURRENT
TTL / CMOS / PMOS / DTL COMPATIBLE
INPUTS
INPUTS PINNED OPPOSITE OUTPUTS TO
SIMPLIFY LAYOUT
DESCRIPTION
The L601, L602, L603 and L604 are high voltage,
high current darlington arrays each containing
eight open collector darlington pairs with common
emitters. Each channel is rated at 400 mA and can
with stand peak currents of 500 mA. Suppression
diodes are included for inductive load driving and
the inputs are pinned opposite the outputs to sim-
plify board layout.
October 1991
DIP-18
ORDER CODES : L601C L603C
L602C L604C
The four versions interface to all common logic
families:
L601
General purpose
L602
14 - 25 V PMOS
L603
5 V TTL
L604
6 - 15 V CMOS
These versatile devices are useful for driving a wide
range of loads, including solenoids, relays DC mo-
tors, LED displays, filament lamps, thermal print-
heads and high power buffers.
Symbol
Parameter
Value
Unit
VCEX
Collector Emitter Voltage (input open)
90
V
IC
Collector Current
0.4
A
IC
Collector Peak Current
0.5
A
Vi
Input Voltage (for L602 L603 and L604)
30
Ii
Input Current (for L601 only)
25
mA
Ptot
Total Power Dissipation a Tamb = 25
°C
1.8
W
Top
Operating Junction Temperature
-25 to 150
°C
ABSOLUTE MAXIMUM RATINGS
1/5


Similar Part No. - L604

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L604 STMICROELECTRONICS-L604 Datasheet
63Kb / 4P
DARLINGTON ARRAYS
Sep-2003
L604C STMICROELECTRONICS-L604C Datasheet
63Kb / 4P
DARLINGTON ARRAYS
Sep-2003
More results

Similar Description - L604

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ULN2003A STMICROELECTRONICS-ULN2003A Datasheet
326Kb / 8P
SEVEN DARLINGTON ARRAYS
Feb-2002
ULQ2801A STMICROELECTRONICS-ULQ2801A Datasheet
140Kb / 8P
EIGHT DARLINGTON ARRAYS
Apr-1993
logo
Unisonic Technologies
UTCULN2003 UTC-UTCULN2003 Datasheet
485Kb / 7P
SEVEN DARLINGTON ARRAYS
logo
STMicroelectronics
ULN2000 STMICROELECTRONICS-ULN2000 Datasheet
240Kb / 8P
SEVEN DARLINGTON ARRAYS
ULQ2001 STMICROELECTRONICS-ULQ2001 Datasheet
300Kb / 7P
SEVEN DARLINGTON ARRAYS
Feb-2002
logo
Texas Instruments
ULN2003ADR TI-ULN2003ADR Datasheet
164Kb / 9P
DARLINGTON TRANSISTOR ARRAYS
SN75466 TI-SN75466 Datasheet
433Kb / 8P
DARLINGTON TRANSISTOR ARRAYS
logo
STMicroelectronics
L603 STMICROELECTRONICS-L603 Datasheet
63Kb / 4P
DARLINGTON ARRAYS
Sep-2003
logo
Unisonic Technologies
ULN2803 UTC-ULN2803_11 Datasheet
208Kb / 6P
EIGHT DARLINGTON ARRAYS
logo
Texas Instruments
SN75469NE4 TI-SN75469NE4 Datasheet
938Kb / 18P
DARLINGTON TRANSISTOR ARRAYS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com