Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DXP-9A2 Datasheet(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

Part # DXP-9A2
Description  POWER DIVIDERS 0쨘 : 10-WAY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

DXP-9A2 Datasheet(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  DXP-9A2 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[ 118 ]
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
POWER DIVIDERS
0º : 10-WAY
POWER DIVIDERS
0º : 10-WAY
THROUGH HOLE MOUNT (16 -Pin)
1-150
36/23
27/23
23/18
0.3/0.6 0.4/0.8 1.0/1.3
1
4
10
0.1
0.2
0.3
124
1
DXP-9A2
COAXIAL CONNECTOR
MODEL
PHASE UNBALANCE
(Degrees)
LB
MB
UB
MAX
MAX
MAX
INSERTION LOSS (dB)
LB
MB
UB
TYP/MAX
TYP/MAX
TYP/MAX
FREQUENCY
RANGE
(MHz)
ISOLATION (dB)
LB
MB
UB
TYP/MIN
TYP/MIN
TYP/MIN
AMPLITUDE UNBALANCE
(dB)
LB
MB
UB
MAX
MAX
MAX
PIN-OUT
(See
Below)
PACKAGE
MODEL
PHASE UNBALANCE
(Degrees)
LB
MB
UB
MAX
MAX
MAX
INSERTION LOSS (dB)
LB
MB
UB
TYP/MAX
TYP/MAX
TYP/MAX
FREQUENCY
RANGE
(MHz)
ISOLATION (dB)
LB
MB
UB
TYP/MIN
TYP/MIN
TYP/MIN
AMPLITUDE UNBALANCE
(dB)
LB
MB
UB
MAX
MAX
MAX
PIN-OUT
(See
Below)
PACKAGE
Power Rating (All Models) = 1 Watt, max
75 Ohm Model
For pin location and package outline drawings, see back pages.
LB = LF to 10 LF
MB = 10 LF to HF/2
UB = HF/2 to HF
PIN-OUT TABLE
#1
1
2,3,4,8,9,12,13,14,15,16
5,6,7,10,11
#2
1
2,3,4,5,6,7,8,9,10,11
-
INPUT
OUTPUTS
CASE GROUND
5-200
25/20
32/23
25/18
0.8/1.3 0.9/1.2 1.2/1.6
4.0
6.0
8.0
0.5
0.6
0.8
171
2
DXK-772B
5-200
25/20
32/25
25/20
0.7/1.2 0.9/1.1 1.2/1.5
4.0
6.0
8.0
0.5
0.6
0.8
171
2
DXK-702B


Similar Part No. - DXP-9A2

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
DXP.01.A TAOGLAS-DXP.01.A Datasheet
891Kb / 14P
Low Insertion Loss In band
DXP.02.A TAOGLAS-DXP.02.A Datasheet
869Kb / 14P
Low Insertion Loss In band
DXP01A TAOGLAS-DXP01A Datasheet
578Kb / 11P
SMD L1/L2 SAW Diplexer For GPS/GALILEO L1, GLONASS L2 & BeiDou B2
DXP02A TAOGLAS-DXP02A Datasheet
571Kb / 14P
SMD L1/L2/L5 SAW Diplexer
logo
Murata Manufacturing Co...
DXP18BN MURATA-DXP18BN Datasheet
185Kb / 10P
This reference specification applies to Micro Chip Transformer DXP18BN Series
More results

Similar Description - DXP-9A2

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
DLP-901 SYNERGY-DLP-901 Datasheet
39Kb / 1P
POWER DIVIDERS 0쨘 : 12-WAY
DSS-9C1 SYNERGY-DSS-9C1 Datasheet
35Kb / 1P
POWER DIVIDERS 0쨘 : 8-WAY
DFS-9B1 SYNERGY-DFS-9B1 Datasheet
46Kb / 1P
POWER DIVIDERS 0쨘 : 6-WAY
DES-901 SYNERGY-DES-901 Datasheet
31Kb / 1P
POWER DIVIDERS 0쨘 : 5-WAY
SDL-140 SYNERGY-SDL-140 Datasheet
70Kb / 2P
POWER DIVIDERS 0쨘 : 4-WAY
SPD-C2 SYNERGY-SPD-C2 Datasheet
128Kb / 5P
POWER DIVIDERS 0쨘 : 2-WAY
SDL-135 SYNERGY-SDL-135 Datasheet
47Kb / 2P
POWER DIVIDERS 0쨘 : 3-WAY
logo
M/A-COM Technology Solu...
MAPDCT0027 MA-COM-MAPDCT0027 Datasheet
128Kb / 4P
2 Way 0쨘 Power Divider
MAPDCT0029 MA-COM-MAPDCT0029 Datasheet
223Kb / 3P
2 Way 0쨘 Power Divider
MAPD-010038-C209C0 MA-COM-MAPD-010038-C209C0 Datasheet
190Kb / 4P
2 Way 0쨘 Power Divider
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com