Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2045843 Datasheet(PDF) 3 Page - SICK AG

Part # 2045843
Description  SAFETY LIGHT CURTAINS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

2045843 Datasheet(HTML) 3 Page - SICK AG

  2045843 Datasheet HTML 1Page - SICK AG 2045843 Datasheet HTML 2Page - SICK AG 2045843 Datasheet HTML 3Page - SICK AG 2045843 Datasheet HTML 4Page - SICK AG 2045843 Datasheet HTML 5Page - SICK AG 2045843 Datasheet HTML 6Page - SICK AG 2045843 Datasheet HTML 7Page - SICK AG 2045843 Datasheet HTML 8Page - SICK AG 2045843 Datasheet HTML 9Page - SICK AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
C2MT-01224BBC03BE0 | miniTwin
SAFETY LIGHT CURTAINS
Maximum demand rate
≤ 34 
min⁻¹ (EN ISO 13849) 1)
Performance level
PL c (EN ISO 13849), Pay attention to optical characteristics! 2)
PFHD (mean probability of a dangerous fail-
ure per hour)
Standalone system: 2.4 x 10-8 (EN ISO 13849)
TM (mission time)
20 years (EN ISO 13849)
Safe state in the event of a fault
At least one OSSD is in the OFF state.
1) Between two requirements on a safety-related response of the device, at least 100 internal or external tests must be carried out.
2) The performance level does not include any specific requirements regarding aspects such as optical performance features. For more information, see page xx.
Functions
Functions
Delivery status
Restart interlock
✔
Deactivated
External device monitoring (EDM)
✔
Deactivated
Beam coding
Automatic
Interfaces
System connection
Male connector M12, 5-pin
Length of cable 160 mm
Conductor cross section 0.34 mm²
Permitted cable length ≤ 20 m 1)
Configuration method
Hard wired
Display elements
LEDs
1) Depending on load, power supply and wire cross-section. The technical specifications must be observed.
Electrical data
Protection class
III (EN 61140)
Supply voltage VS
24 V DC (19.2 V DC ... 28.8 V DC)
Ripple
≤ 10 % 1)
Power consumption
≤ 3 A 2)
Output signal switching devices (OSSDs)
Type of output PNP semiconductors, short-circuit protected, cross-circuit monitored 3)
ON state, switching voltage HIGH 24 V DC (VS – 2.25 V DC ... VS)
OFF state, switching voltage LOW ≤ 2 V DC
Current-carrying capacity per OSSD ≤ 300 mA
1) Within the limits of VS.
2) Maximum power consumption of a host/guest/guest system with 1,200 mm protective field height and a resolution of 14 mm.
3) Applies to the voltage range between –30 V and +30 V.
Mechanical data
Housing cross-section (incl. system connec-
tion)
15 mm x 32 mm
Housing material
Aluminum alloy ALMGSI 0.5
Weight
50 g
2024-03-22 16:46:17 | Product data sheet
Subject to change without notice
SAFETY LIGHT CURTAINS | SICK
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com