Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR60 Datasheet(PDF) 8 Page - SICK AG

Part # AR60
Description  SAFETY LIGHT CURTAINS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

AR60 Datasheet(HTML) 8 Page - SICK AG

Back Button AR60 Datasheet HTML 2Page - SICK AG AR60 Datasheet HTML 3Page - SICK AG AR60 Datasheet HTML 4Page - SICK AG AR60 Datasheet HTML 5Page - SICK AG AR60 Datasheet HTML 6Page - SICK AG AR60 Datasheet HTML 7Page - SICK AG AR60 Datasheet HTML 8Page - SICK AG AR60 Datasheet HTML 9Page - SICK AG AR60 Datasheet HTML 10Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
C2MT-01224BBC03BE0 | miniTwin
SAFETY LIGHT CURTAINS
Brief description
Type
Part no.
2 pieces, O-Fix bracket, 2 pieces, for all sizes, for all protective field heights
BEF-3SHAEMKU2
2045835
Plug connectors and cables
• Connection type head A: Female connector, M12, 5-pin, straight, A-coded
• Connection type head B: Flying leads
• Signal type: Sensor/actuator cable
• Cable: 5 m, 5-wire, PVC
• Description: Sensor/actuator cable, unshielded
• Application: Zones with chemicals
YF2A15-050VB5XLEAX
2096240
• Connection type head A: Female connector, M12, 5-pin, straight, A-coded
• Connection type head B: Flying leads
• Signal type: Sensor/actuator cable
• Cable: 10 m, 5-wire, PVC
• Description: Sensor/actuator cable, unshielded
• Application: Zones with chemicals
YF2A15-100VB5XLEAX
2096241
• Connection type head A: Female connector, M12, 5-pin, straight, A-coded
• Connection type head B: Flying leads
• Signal type: Sensor/actuator cable
• Cable: 15 m, 5-wire, PVC
• Description: Sensor/actuator cable, unshielded
• Application: Zones with chemicals
YF2A15-150VB5XLEAX
2096242
• Connection type head A: Female connector, M12, 5-pin, straight, A-coded
• Connection type head B: Male connector, M12, 5-pin, straight, A-coded
• Signal type: Sensor/actuator cable
• Cable: 1 m, 5-wire, PUR, halogen-free
• Description: Sensor/actuator cable, unshielded
• Application: Zones with oils and lubricants, Drag chain operation, Robot
YF2A15-010UB5M2A15
2096007
• Connection type head A: Female connector, M12, 5-pin, straight, A-coded
• Connection type head B: Male connector, M12, 5-pin, straight, A-coded
• Signal type: Sensor/actuator cable
• Cable: 2 m, 5-wire, PUR, halogen-free
• Description: Sensor/actuator cable, unshielded
• Application: Zones with oils and lubricants, Drag chain operation, Robot
YF2A15-020UB5M2A15
2096009
• Connection type head A: Female connector, M12, 5-pin, straight
• Description: Unshielded, Head A: female connector, M12, 5-pin, straight, unshield-
ed, for cable diameter 4 mm ... 6 mm Head B: -
• Connection systems: Screw-type terminals
• Permitted cross-section: ≤ 0.75 mm²
DOS-1205-G
6009719
• Connection type head A: Female connector, M12, 5-pin, straight
• Description: Unshielded
• Connection systems: Screw-type terminals
• Permitted cross-section: ≤ 0.75 mm²
• Note: Test voltage 1.0 kV eff/60 s, insulation group C to VDE 0110
DOS-1205-GX
6047950
• Connection type head A: Male connector, M12, 5-pin, straight
• Description: Unshielded, Head A: male connector, M12, 5-pin, straight, unshielded,
for cable diameter 4 mm ... 6 mm Head B: -
• Connection systems: Screw-type terminals
• Permitted cross-section: ≤ 0.75 mm²
• Note: For field bus technology
STE-1205-G
6022083
• Cable: 160 mm
• Description: Unshielded, miniTwin system plug for cascade, system connection: Ca-
ble with M12 male connector, 5-pin, extension connection: Cable with M12 female
connector, 5-pin, length of cable: 160 mm each
Cascade system plug
2046452
• Cable: 350 mm
• Description: Unshielded, miniTwin system plug for cascade, system connection: Ca-
ble with M12 male connector, 5-pin, extension connection: Cable with M12 female
connector, 5-pin, length of cable: 350 mm each
Cascade system plug
2046454
8
SAFETY LIGHT CURTAINS | SICK
Product data sheet | 2024-03-22 16:46:17
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com