Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6205D Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6205D
Description  DMOS DUAL FULL BRIDGE DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6205D Datasheet(HTML) 3 Page - STMicroelectronics

  L6205D Datasheet HTML 1Page - STMicroelectronics L6205D Datasheet HTML 2Page - STMicroelectronics L6205D Datasheet HTML 3Page - STMicroelectronics L6205D Datasheet HTML 4Page - STMicroelectronics L6205D Datasheet HTML 5Page - STMicroelectronics L6205D Datasheet HTML 6Page - STMicroelectronics L6205D Datasheet HTML 7Page - STMicroelectronics L6205D Datasheet HTML 8Page - STMicroelectronics L6205D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3/21
L6205
THERMAL DATA
PIN CONNECTIONS (Top View)
(5)
The slug is internally connected to pins 1,10,11 and 20 (GND pins).
Symbol
Description
PowerDIP20
SO20
PowerSO20
Unit
Rth-j-pins
MaximumThermal Resistance Junction-Pins
12
14
-
°C/W
Rth-j-case
Maximum Thermal Resistance Junction-Case
-
-
1
°C/W
Rth-j-amb1
MaximumThermal Resistance Junction-Ambient 1
(1)
Mounted on a multi-layer FR4 PCB with a dissipating copper surface on the bottom side of 6cm2 (with a thickness of 35µm).
40
51
-
°C/W
Rth-j-amb1
Maximum Thermal Resistance Junction-Ambient 2
(2)
Mounted on a multi-layer FR4 PCB with a dissipating copper surface on the top side of 6cm2 (with a thickness of 35µm).
--
35
°C/W
Rth-j-amb1
MaximumThermal Resistance Junction-Ambient 3
(3)
Mounted on a multi-layer FR4 PCB with a dissipating copper surface on the top side of 6cm2 (with a thickness of 35µm), 16 via holes
and a ground layer.
--
15
°C/W
Rth-j-amb2
Maximum Thermal Resistance Junction-Ambient 4
(4)
Mounted on a multi-layer FR4 PCB without any heat sinking surface on the board.
56
77
62
°C/W
PowerDIP20/SO20
PowerSO20 (5)
GND
OUT1A
SENSEA
IN2A
IN1A
VCP
ENA
OUT2A
VSA
VSB
OUT2B
VBOOT
IN2B
ENB
IN1B
SENSEB
OUT1B
GND
10
8
9
7
6
5
4
3
2
13
14
15
16
17
19
18
20
12
1
11
GND
GND
D99IN1092A
GND
OUT1B
SENSEB
IN1B
IN2B
1
3
2
4
5
6
7
8
9
ENB
VBOOT
OUT2B
VSB
GND
15
14
13
12
11
D99IN1093A
10
20
19
18
17
16
IN1A
IN2A
SENSEA
OUT1A
GND
GND
VSA
OUT2A
VCP
ENA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com