Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD36-18-6SN-C030-059 Datasheet(PDF) 73 Page - TE Connectivity Ltd

Part # HD36-18-6SN-C030-059
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-18-6SN-C030-059 Datasheet(HTML) 73 Page - TE Connectivity Ltd

Back Button HD36-18-6SN-C030-059 Datasheet HTML 69Page - TE Connectivity Ltd HD36-18-6SN-C030-059 Datasheet HTML 70Page - TE Connectivity Ltd HD36-18-6SN-C030-059 Datasheet HTML 71Page - TE Connectivity Ltd HD36-18-6SN-C030-059 Datasheet HTML 72Page - TE Connectivity Ltd HD36-18-6SN-C030-059 Datasheet HTML 73Page - TE Connectivity Ltd HD36-18-6SN-C030-059 Datasheet HTML 74Page - TE Connectivity Ltd HD36-18-6SN-C030-059 Datasheet HTML 75Page - TE Connectivity Ltd HD36-18-6SN-C030-059 Datasheet HTML 76Page - TE Connectivity Ltd HD36-18-6SN-C030-059 Datasheet HTML 77Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 73
ELECTRICAL CONNECTORS
CONTACT SIZE(S)
PART DESCRIPTION
PART NUMBER
WEDGE/
TPA
17 sz. 16, 4 sz. 12
Plug, HDB30, 24 shell, 21 way, N seal, breakaway
HDB36-24-21SN
N/A
17 sz. 16, 4 sz. 12
Plug, HDB30, 24 shell, 21 way, N seal, breakaway, cable clamp
HDB36-24-21SN-059
N/A
HDP20 Series
20
Recept., HDP20, 18 shell, 21 way, black, N seal
HDP24-18-21PN
N/A
20
Recept., HDP20, 18 shell, 21 way, black, N seal, ring adapter
HDP24-18-21PN-L017
N/A
20
Recept., HDP20, 18 shell, 21 way, black, N seal, reverse
HDP24-18-21SN
N/A
20
Recept., HDP20, 18 shell, 21 way, black, N seal, reverse, ring adapter
HDP24-18-21SN-L017
N/A
17 sz. 16, 4 sz. 12
Recept., HDP20, 24 shell, 21 way, black, E seal
HDP24-24-21PE
N/A
17 sz. 16, 4 sz. 12
Recept., HDP20, 24 shell, 21 way, black, E seal, threaded adapter
HDP24-24-21PE-L015
N/A
17 sz. 16, 4 sz. 12
Recept., HDP20, 24 shell, 21 way, black, E seal, ring adapter
HDP24-24-21PE-L017
N/A
17 sz. 16, 4 sz. 12
Recept., HDP20, 24 shell, 21 way, black, E seal, wide threaded adapter
HDP24-24-21PE-L024
N/A
17 sz. 16, 4 sz. 12
Recept., HDP20, 24 shell, 21 way, black, N seal
HDP24-24-21PN
N/A
17 sz. 16, 4 sz. 12
Recept., HDP20, 24 shell, 21 way, black, N seal, threaded adapter
HDP24-24-21PN-L015
N/A
17 sz. 16, 4 sz. 12
Recept., HDP20, 24 shell, 21 way, black, N seal, ring adapter
HDP24-24-21PN-L017
N/A
17 sz. 16, 4 sz. 12
Recept., HDP20, 24 shell, 21 way, black, N seal, wide threaded adapter
HDP24-24-21PN-L024
N/A
17 sz. 16, 4 sz. 12
Recept., HDP20, 24 shell, 21 way, black, E seal, reverse
HDP24-24-21SE
N/A
17 sz. 16, 4 sz. 12
Recept., HDP20, 24 shell, 21 way, black, E seal, reverse, threaded adapter
HDP24-24-21SE-L015
N/A
17 sz. 16, 4 sz. 12
Recept., HDP20, 24 shell, 21 way, black, E seal, reverse, ring adapter
HDP24-24-21SE-L017
N/A
17 sz. 16, 4 sz. 12
Recept., HDP20, 24 shell, 21 way, black, N seal, reverse
HDP24-24-21SN
N/A
17 sz. 16, 4 sz. 12
Recept., HDP20, 24 shell, 21 way, black, N seal, reverse, threaded adapter
HDP24-24-21SN-L015
N/A
17 sz. 16, 4 sz. 12
Recept., HDP20, 24 shell, 21 way, black, N seal, reverse, ring adapter
HDP24-24-21SN-L017
N/A
20
Plug, HDP20, 18 shell, 21 way, black, N seal, reverse
HDP26-18-21PN
N/A
20
Plug, HDP20, 18 shell, 21 way, black, N seal, reverse, ring adapter
HDP26-18-21PN-L017
N/A
20
Plug, HDP20, 18 shell, 21 way, black, N seal
HDP26-18-21SN
N/A
20
Plug, HDP20, 18 shell, 21 way, black, N seal, ring adapter
HDP26-18-21SN-L017
N/A
17 sz. 16, 4 sz. 12
Plug, HDP20, 24 shell, 21 way, black, E seal, reverse
HDP26-24-21PE
N/A
17 sz. 16, 4 sz. 12
Plug, HDP20, 24 shell, 21 way, black, E seal, reverse, threaded adapter
HDP26-24-21PE-L015
N/A
17 sz. 16, 4 sz. 12
Plug, HDP20, 24 shell, 21 way, black, E seal, reverse, ring adapter
HDP26-24-21PE-L017
N/A
17 sz. 16, 4 sz. 12
Plug, HDP20, 24 shell, 21 way, black, N seal, reverse
HDP26-24-21PN
N/A
17 sz. 16, 4 sz. 12
Plug, HDP20, 24 shell, 21 way, black, N seal, reverse, threaded adapter
HDP26-24-21PN-L015
N/A
17 sz. 16, 4 sz. 12
Plug, HDP20, 24 shell, 21 way, black, N seal, reverse, ring adapter
HDP26-24-21PN-L017
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com