Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8616ARM-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8616ARM-R2
Description  Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8616ARM-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8616ARM-R2 Datasheet HTML 10Page - Analog Devices AD8616ARM-R2 Datasheet HTML 11Page - Analog Devices AD8616ARM-R2 Datasheet HTML 12Page - Analog Devices AD8616ARM-R2 Datasheet HTML 13Page - Analog Devices AD8616ARM-R2 Datasheet HTML 14Page - Analog Devices AD8616ARM-R2 Datasheet HTML 15Page - Analog Devices AD8616ARM-R2 Datasheet HTML 16Page - Analog Devices AD8616ARM-R2 Datasheet HTML 17Page - Analog Devices AD8616ARM-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD8615/AD8616/AD8618
Rev. C | Page 14 of 20
These thermal resistance curves were determined using
the AD8616 thermal resistance data for each package and
a maximum junction temperature of 150°C. The following
formula can be used to calculate the internal junction tem-
perature of the AD8615/AD8616/AD8618 for any application:
TJ
= PDISS × θJA + TA
where:
TJ
= junction temperature
PDISS
= power dissipation
θJA
= package thermal resistance, junction-to-case
TA
= ambient temperature of the circuit
To calculate the power dissipated by the AD8615/
AD8616/AD8618, use
PDISS
= ILOAD × (VS – VOUT)
where:
ILOAD
= output load current
VS
= supply voltage
VOUT
= output voltage
The quantity within the parentheses is the maximum voltage
developed across either output transistor.
POWER CALCULATIONS FOR VARYING OR
UNKNOWN LOADS
Often, calculating power dissipated by an integrated circuit to
determine if the device is being operated in a safe range is not
as simple as it might seem. In many cases, power cannot be
directly measured. This may be the result of irregular output
waveforms or varying loads. Indirect methods of measuring
power are required.
There are two methods to calculate power dissipated by
an integrated circuit. The first is to measure the package
temperature and the board temperature. The second is
to directly measure the circuits supply current.
Calculating Power by Measuring Ambient and Case
Temperature
The two equations for calculating junction temperature are
TJ
= TA + P θJA
where:
TJ
= junction temperature
TA
= ambient temperature
θJA
= the junction-to-ambient thermal resistance
TJ
= TC + P θJC
where TC is case temperature and θJA and θJC are given in the
data sheet.
The two equations for calculating P (power) are
TA
+ P θJA = TC + P θJC
P
= (TA – TC)/(θJC – θJA)
Once power has been determined, it is necessary to recalculate
the junction temperature to ensure that it has not been
exceeded.
The temperature should be measured directly on and near the
package, but not touching it. Measuring the package can be
difficult. A very small bimetallic junction glued to the package
can be used, or an infrared sensing device can be used if the
spot size is small enough.
Calculating Power by Measuring Supply Current
Power can be calculated directly if the supply voltage and
current are known. However, the supply current can have a dc
component with a pulse directed into a capacitive load, which
could make the rms current very difficult to calculate. This
difficulty can be overcome by lifting the supply pin and
inserting an rms current meter into the circuit. For this method
to work, make sure the current is delivered by the supply pin
being measured. This is usually a good method in a single-
supply system; however, if the system uses dual supplies, both
supplies may need to be monitored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com