Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8662ARMZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8662ARMZ-R2
Description  Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8662ARMZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  AD8662ARMZ-R2 Datasheet HTML 1Page - Analog Devices AD8662ARMZ-R2 Datasheet HTML 2Page - Analog Devices AD8662ARMZ-R2 Datasheet HTML 3Page - Analog Devices AD8662ARMZ-R2 Datasheet HTML 4Page - Analog Devices AD8662ARMZ-R2 Datasheet HTML 5Page - Analog Devices AD8662ARMZ-R2 Datasheet HTML 6Page - Analog Devices AD8662ARMZ-R2 Datasheet HTML 7Page - Analog Devices AD8662ARMZ-R2 Datasheet HTML 8Page - Analog Devices AD8662ARMZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD8661/AD8662/AD8664
Rev. D | Page 5 of 16
AD8661 ELECTRICAL CHARACTERISTICS—LFCSP_VD ONLY
VS = 5.0 V, VCM = VS/2, TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
VCM = VS/2
50
300
μV
−40°C < TA < +85°C
2000
μV
Input Bias Current
IB
0.3
1
pA
−40°C < TA < +85°C
50
pA
Input Offset Current
IOS
0.2
0.5
pA
−40°C < TA < +85°C
20
pA
Input Voltage Range
−0.1
+3.0
V
Common-Mode Rejection Ratio
CMRR
VCM = −0.1 V to +3.0 V
85
100
dB
−40°C < TA < +85°C
80
100
dB
Large Signal Voltage Gain
AVO
RL = 2 kΩ, VO = 0.5 V to 4.5 V
100
240
V/mV
Offset Voltage Drift
TCVOS
−40°C < TA < +85°C
4
17
μV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 1 mA
4.85
4.93
V
−40°C < TA < +85°C
4.80
V
Output Voltage Low
VOL
IL = 1 mA
50
100
mV
−40°C < TA < +85°C
120
mV
Short-Circuit Current
ISC
±19
mA
Closed-Loop Output Impedance
ZOUT
f = 1 MHz, AV = 1
65
Ω
POWER SUPPLY
Supply Current per Amplifier
ISY
VO = VS/2
1.15
1.40
mA
−40°C < TA < +85°C
1.8
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
3.5
V/μs
Gain Bandwidth Product
GBP
4
MHz
Phase Margin
ΦO
65
Degrees
NOISE PERFORMANCE
Peak-to-Peak Noise
en p-p
f = 0.1 Hz to 10 Hz
2.5
μV p-p
Voltage Noise Density
en
f = 1 kHz
12
nV/√Hz
f = 10 kHz
10
nV/√Hz
Current Noise Density
in
f = 1 kHz
0.1
pA/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com