Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6219 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6219
Description  STEPPER MOTOR DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6219 Datasheet(HTML) 2 Page - STMicroelectronics

  L6219 Datasheet HTML 1Page - STMicroelectronics L6219 Datasheet HTML 2Page - STMicroelectronics L6219 Datasheet HTML 3Page - STMicroelectronics L6219 Datasheet HTML 4Page - STMicroelectronics L6219 Datasheet HTML 5Page - STMicroelectronics L6219 Datasheet HTML 6Page - STMicroelectronics L6219 Datasheet HTML 7Page - STMicroelectronics L6219 Datasheet HTML 8Page - STMicroelectronics L6219 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PIN FUNCTIONS
PDIP &
SO
Name
Function
1;2
OUTPUT A
See pins 5;21
3;23
SENSE RESISTOR
Connection to Lower Emitters of Output Stage for Insertion of Current Sense Resistor
4;22
COMPARATOR
INPUT
Input connected to the comparators. The voltage across the sense resistor is
feedback to this input throught the low pass filter RC CC. The higher power transistors
are disabled when the sense voltage exceeds the reference voltage of the selected
comparator. When this occurs the current decays for a time set by RT CT (toff = 1.1 RT
CT). See fig. 1.
5;21
OUTPUT B
Output Connection. The output stage is a "H" bridge formed by four transistors and
four diodes suitable for switching applications.
6;19
GROUND
See pins 7;18
7;18
GROUND
Ground Connection. With pins 6 and 19 also conducts heat from die to printed circuit
copper.
8;20
INPUT 0
See INPUT 1 (pins 9;17)
9;17
INPUT 1
These pins and pins 8;20 (INPUT 0) are logic inputs which select the outputs of the
comparators to set the current level. Current also depends on the sensing resistor and
reference voltage. See Funcional Description.
10;16
PHASE
This TTL-compatible logic inputs sets the direction of current flow through the load. A
high level causes current to flow from OUTPUT A (source) to OUTPUT B (sink). A
schmitt trigger on this input provides good noise immunity and a delay circuit prevents
output stage short circuits during switching.
11;15
REFERENCE
VOLTAGE
A voltage applied to this pin sets the reference voltage of the comparators, this
determining the output current (also thus depending on Rs and the two inputs INPUT
0 and INPUT 1).
12;14
RC
A parallel RC network connected to this pin sets the OFF time of the higher power
transistors. The pulse generator is a monostable triggered by the output of the
comparators (toff = 1.1 RT CT).
13
Vss - LOGIC SUPPLY Supply Voltage Input for Logic Circuitry
24
Vs - LOAD SUPPLY Supply Voltage Input for the Output Stages.
Note: ESD on GND, VS, VSS, OUT 1A and OUT 2A is guaranteed up to 1.5KV (Human Body Model, 1500
Ω, 100pF).
PIN CONNECTION (Top view)
Powerdip and SO
L6219
2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com