Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD628ARZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD628ARZ
Description  High Common-Mode Voltage, Programmable Gain Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD628ARZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD628ARZ Datasheet HTML 12Page - Analog Devices AD628ARZ Datasheet HTML 13Page - Analog Devices AD628ARZ Datasheet HTML 14Page - Analog Devices AD628ARZ Datasheet HTML 15Page - Analog Devices AD628ARZ Datasheet HTML 16Page - Analog Devices AD628ARZ Datasheet HTML 17Page - Analog Devices AD628ARZ Datasheet HTML 18Page - Analog Devices AD628ARZ Datasheet HTML 19Page - Analog Devices AD628ARZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD628
Rev. G | Page 17 of 20
The differential input voltage range is constrained to the linear
operation of the internal amplifiers, A1 and A2. The voltage
applied to the inputs of A1 and A2 should be between
VS− + 1.2 V and VS+ − 1.2 V. Similarly, the outputs of A1 and A2
should be kept between VS− + 0.9 V and VS+ − 0.9 V.
VOLTAGE LEVEL CONVERSION
Industrial signal conditioning and control applications typically
require connections between remote sensors or amplifiers and
centrally located control modules. Signal conditioners provide
output voltages of up to ±10 V full scale. However, ADCs or
microprocessors operating on single 3.3 V to 5 V logic supplies
are now the norm. Thus, the controller voltages require further
reduction in amplitude and reference.
Furthermore, voltage potentials between locations are seldom
compatible, and power line peaks and surges can generate
destructive energy between utility grids. The AD628 offers an
ideal solution to both problems. It attenuates otherwise destruc-
tive signal voltage peaks and surges by a factor of 10 and shifts
the differential input signal to the desired output voltage.
Conversion from voltage-driven or current-loop systems is
easily accomplished using the circuit shown in Figure 32. This
shows a circuit for converting inputs of various polarities and
amplitudes to the input of a single-supply ADC.
To adjust common-mode output voltage, connect Pin 3 (VREF)
and the lower end of the 10 kΩ resistor to the desired voltage.
The output common-mode voltage is the same as the reference
voltage.
Designing such an application can be done in a few simple
steps, which includes the following:
•
Determine the required gain. For example, if the input
voltage must be changed from ±10 V to +5 V, the gain now
needs to be +5/+20 or +0.25.
•
Determine if the circuit common-mode voltage should be
changed. An AD7940 ADC is illustrated for this example.
When operating from a 5 V supply, the common-mode
voltage of the AD7940 is half the supply, or 2.5 V. If the
AD628 reference pin and the lower terminal of the 10 kΩ
resistor are connected to a 2.5 V voltage source, the output
common-mode voltage is 2.5 V.
Table 6 shows resistor and reference values for commonly used
single-supply converter voltages. REXT3 is included as an option
to balance the source impedance into A2. This is described in
more detail in the Gain Adjustment section.
Table 6. Nearest 1% Resistor Values for Voltage Level
Conversion Applications
Input
Voltage (V)
ADC
Supply
Voltage (V)
Desired
Output
Voltage (V)
VREF
(V)
REXT1
(kΩ)
REXT2
kΩ)
±10
5
2.5
2.5
15
10
±5
5
2.5
2.5
39.7
10
+10
5
2.5
0
39.7
10
+5
5
2.5
0
89.8
10
±10
3
1.25
1.25
2.49
10
±5
3
1.25
1.25
15
10
+10
3
1.25
0
15
10
+5
3
1.25
0
39.7
10
5
1
3
4
8
2
7
+VS
–VS
6
–IN
+IN
VREF
100kΩ
10kΩ
100kΩ
10kΩ
10kΩ
A1
A2
4
5
6
3
1
2
SCLK
SDATA
CS
GND
VDD
VIN
AD628
SERIAL DATA
REF195
+12V
VOUT
VIN
2
3
4
6
CFILT
RG
10μF
0.1μF
10μF
0.1μF
10μF
0.1μF
10μF
0.1μF
AD7940
±10V
15nF
2
3
1
AD8606
1/2
49.9Ω
33nF
+12V
–12V
10kΩ
10kΩ
AD628 REFERENCE VOLTAGE
REXT2
10kΩ
REXT1
15kΩ
AD8606
2/2
5
6
7
4
8
OUT
Figure 32. Level Shifter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com