Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD628ARZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # AD628ARZ-R7
Description  High Common-Mode Voltage, Programmable Gain Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD628ARZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD628ARZ-R7 Datasheet HTML 11Page - Analog Devices AD628ARZ-R7 Datasheet HTML 12Page - Analog Devices AD628ARZ-R7 Datasheet HTML 13Page - Analog Devices AD628ARZ-R7 Datasheet HTML 14Page - Analog Devices AD628ARZ-R7 Datasheet HTML 15Page - Analog Devices AD628ARZ-R7 Datasheet HTML 16Page - Analog Devices AD628ARZ-R7 Datasheet HTML 17Page - Analog Devices AD628ARZ-R7 Datasheet HTML 18Page - Analog Devices AD628ARZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD628
Rev. G | Page 15 of 20
THEORY OF OPERATION
The AD628 is a high common-mode voltage difference
amplifier, combined with a user-configurable output amplifier
(see Figure 28 and Figure 29). Differential mode voltages in
excess of 120 V are accurately scaled by a precision 11:1 voltage
divider at the input. A reference voltage input is available to the
user at Pin 3 (VREF). The output common-mode voltage of the
difference amplifier is the same as the voltage applied to the
reference pin. If the uncommitted amplifier is configured for
gain, connect Pin 3 to one end of the external gain resistor to
establish the output common-mode voltage at Pin 5 (OUT).
The output of the difference amplifier is internally connected to
a 10 kΩ resistor trimmed to better than ±0.1% absolute accuracy.
The resistor is connected to the noninverting input of the
output amplifier and is accessible at Pin 4 (CFILT). A capacitor
can be connected to implement a low-pass filter, a resistor can
be connected to further reduce the output voltage, or a clamp
circuit can be connected to limit the output swing.
The uncommitted amplifier is a high open-loop gain, low offset,
low drift op amp, with its noninverting input connected to the
internal 10 kΩ resistor. Both inputs are accessible to the user.
Careful layout design has resulted in exceptional common-
mode rejection at higher frequencies. The inputs are connected
to Pin 1 (+IN) and Pin 8 (−IN), which are adjacent to the power
pins, Pin 2 (−VS) and Pin 7 (+VS). Because the power pins are at
ac ground, input impedance balance and, therefore, common-
mode rejection are preserved at higher frequencies.
+IN
–IN
+IN
–IN
A2
A1
+IN
–IN
100kΩ
100kΩ
10kΩ
10kΩ
VREF
10kΩ
OUT
G = +0.1
CFILT
RG
5
6
4
3
1
8
Figure 28. Simplified Schematic
+VS
+IN
–IN
–VS
A2
+IN
–IN
100kΩ
100kΩ
10kΩ
10kΩ
VREF
REFERENCE
VOLTAGE
10kΩ
AD628
OUT
G = +0.1
RG
REXT3
CFILT
REXT2
REXT1
+IN
–IN
A1
5
3
2
1
8
6
4
7
Figure 29. Circuit Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com