Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD824 Datasheet(PDF) 13 Page - Analog Devices

Part # AD824
Description  Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD824 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD824 Datasheet HTML 8Page - Analog Devices AD824 Datasheet HTML 9Page - Analog Devices AD824 Datasheet HTML 10Page - Analog Devices AD824 Datasheet HTML 11Page - Analog Devices AD824 Datasheet HTML 12Page - Analog Devices AD824 Datasheet HTML 13Page - Analog Devices AD824 Datasheet HTML 14Page - Analog Devices AD824 Datasheet HTML 15Page - Analog Devices AD824 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. C
AD824
–13–
3 Volt, Single Supply Stereo Headphone Driver
The AD824 exhibits good current drive and THD+N perfor-
mance, even at 3 V single supplies. At 1 kHz, total harmonic
distortion plus noise (THD+N) equals –62 dB (0.079%) for a
300 mV p-p output signal. This is comparable to other single
supply op amps that consume more power and cannot run on 3 V
power supplies.
In Figure 6, each channel’s input signal is coupled via a 1
mF
Mylar capacitor. Resistor dividers set the dc voltage at the
noninverting inputs so that the output voltage is midway between
the power supplies (1.5 V). The gain is 1.5. Each half of the
AD824 can then be used to drive a headphone channel. A 5 Hz
high-pass filter is realized by the 500
mF capacitors and the
headphones, which can be modeled as 32 ohm load resistors to
ground. This ensures that all signals in the audio frequency
range (20 Hz–20 kHz) are delivered to the headphones.
MYLAR
1 F
1/4
AD824
L
R
HEADPHONES
32
IMPEDANCE
MYLAR
1/4
AD824
3V
0.1 F
CHANNEL 1
CHANNEL 2
1/4
AD824
47.5k
95.3k
0.1 F
500 F
500 F
4.99k
10k
10k
47.5k
1 F
95.3k
4.99k
1/4
AD824
Figure 6. 3 Volt Single Supply Stereo Headphone Driver
Low Dropout Bipolar Bridge Driver
The AD824 can be used for driving a 350 ohm Wheatstone
bridge. Figure 7 shows one half of the AD824 being used to
buffer the AD589—a 1.235 V low power reference. The output
350
350
350
350
VREF
–VS
+VS
AD620
RG
R2
20
–4.5V
10k
10k
10k
26.4k , 1%
R1
20
TO A/D CONVERTER
REFERENCE INPUT
AD589
+1.235V
+5V
1 F
GND
+VS
–VS
0.1 F
–5V
1 F
0.1 F
1%
1%
1%
1/4
AD824
1/4
AD824
–VS
+VS
7
6
5
4
3
2
AD824
1/4
AD824
49.9k
1/4
AD824
Figure 7. Low Dropout Bipolar Bridge Driver
of 4.5 V can be used to drive an A/D converter front end. The
other half of the AD824 is configured as a unity-gain inverter
and generates the other bridge input of –4.5 V. Resistors R1 and
R2 provide a constant current for bridge excitation. The AD620
low power instrumentation amplifier is used to condition the
differential output voltage of the bridge. The gain of the AD620
is programmed using an external resistor RG and determined by:
G
=
49.4 k
W
RG
+ 1
A 3.3 V/5 V Precision Sample-and-Hold Amplifier
In battery-powered applications, low supply voltage operational
amplifiers are required for low power consumption. Also, low
supply voltage applications limit the signal range in precision
analog circuitry. Circuits like the sample-and-hold circuit shown
in Figure 8, illustrate techniques for designing precision analog
circuitry in low supply voltage applications. To maintain high
signal-to-noise ratios (SNRs) in a low supply voltage application
requires the use of rail-to-rail, input/output operational amplifi-
ers. This design highlights the ability of the AD824 to operate
rail-to-rail from a single 3 V/5 V supply, with the advantages of
high input impedance. The AD824, a quad JFET-input op amp,
is well suited to S/H circuits due to its low input bias currents
(3 pA, typical) and high input impedances (3
¥ 1013 W, typical).
The AD824 also exhibits very low supply currents so the total
supply current in this circuit is less than 2.5 mA.
\
3.3/5V
3.3/5V
R1
50k
R2
50k
A1
3
2
4
1
11
0.1 F
FALSE GROUND (FG)
A4
12
13
14
SAMPLE/
HOLD
A3
10
9
8
A2
5
6
7
15
14
16
10
9
11
AD824B
3.3/5V
ADG513
R5
2k
AD824C
+
–
VOUT
CH
C
500pF
FG
4
5
8
6
7
2
3
1
AD824A
AD824D
R4
2k
FG
13
500pF
FG
A1
A2
A3
A4
Figure 8. 3.3 V/5.5 V Precision Sample and Hold
In many single supply applications, the use of a false ground
generator is required. In this circuit, R1 and R2 divide the
supply voltage symmetrically, creating the false ground voltage
at one-half the supply. Amplifier A1 then buffers this voltage
creating a low impedance output drive. The S/H circuit is con-
figured in an inverting topology centered around this false
ground level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com