Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD604ARS Datasheet(PDF) 13 Page - Analog Devices

Part # AD604ARS
Description  Dual, Ultralow Noise Variable Gain Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD604ARS Datasheet(HTML) 13 Page - Analog Devices

Back Button AD604ARS Datasheet HTML 9Page - Analog Devices AD604ARS Datasheet HTML 10Page - Analog Devices AD604ARS Datasheet HTML 11Page - Analog Devices AD604ARS Datasheet HTML 12Page - Analog Devices AD604ARS Datasheet HTML 13Page - Analog Devices AD604ARS Datasheet HTML 14Page - Analog Devices AD604ARS Datasheet HTML 15Page - Analog Devices AD604ARS Datasheet HTML 16Page - Analog Devices AD604ARS Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
AD604
Rev. D | Page 13 of 32
THEORY OF OPERATION
The AD604 is a dual-channel, VGA with an ultralow noise
preamplifier. Figure 37 shows the simplified block diagram of
one channel. Each identical channel consists of a preamplifier with
gain setting resistors (R5, R6, and R7) and a single-supply X-AMP®
(hereafter called DSX, differential single-supply X-AMP) made
up of the following:
•
A precision passive attenuator (differential ladder).
•
A gain control block.
•
A VOCM buffer with supply splitting resistors
(R3 and R4).
•
An active feedback amplifier (AFA) with gain setting
resistors (R1 and R2). (To understand the active-feedback
amplifier topology, refer to the AD830 data sheet. The
AD830 is a practical implementation of the idea.)
The preamplifier is powered by a ±5 V supply, while the DSX
uses a single +5 V supply. The linear-in-dB gain response of the
AD604 can generally be described by
G (dB) = Gain Scaling (dB/V) × Gain Control (V) +
(Preamp Gain (dB) − 19 dB)
(1)
Each channel provides between 0 dB to 48.4 dB through 6 dB to
54.4 dB of gain, depending on the user-determined preamplifier
gain. The center 40 dB of gain is exactly linear-in-dB while the
gain error increases at the top and bottom of the range. The gain
of the preamplifier is typically either 14 dB or 20 dB but can be
set to intermediate values by a single external resistor (see the
Preamplifier section for details). The gain of the DSX can vary
from −14 dB to +34.4 dB, as is determined by the gain control
voltage (VGN). The VREF input establishes the gain scaling; the
useful gain scaling range is between 20 dB/V and 40 dB/V for a
VREF voltage of 2.5 V and 1.25 V, respectively. For example, if
the preamp gain is set to 14 dB and VREF is set to 2.50 V (to
establish a gain scaling of 20 dB/V), the gain equation simplifies to
G (dB) = 20 (dB/V) × VGN (V) – 5 dB
The desired gain can then be achieved by setting the unipolar
gain control (VGN) to a voltage within its nominal operating
range of 0.25 V to 2.65 V (for 20 dB/V gain scaling). The gain is
monotonic for a complete gain control voltage range of 0.1 V to
2.9 V. Maximum gain can be achieved at a VGN of 2.9 V.
The inputs VREF and VOCM are common to both channels.
They are decoupled to ground, minimizing inter-channel
crosstalk. For the highest gain scaling accuracy, VREF should
have an external low impedance voltage source. For low accuracy
20 dB/V applications, the VREF input can be decoupled with a
capacitor to ground. In this mode, the gain scaling is determined
by the midpoint between VPOS and GND; therefore, care
should be taken to control the supply voltage to 5 V. The input
resistance looking into the VREF pin is 10 kΩ ± 20%.
The DSX portion of the AD604 is a single-supply circuit, and
the VOCM pin is used to establish the dc level of the midpoint
of this portion of the circuit. The VOCM pin only needs an
external decoupling capacitor to ground to center the midpoint
between the supply voltages (5 V, GND); however, if the dc level
of the output is important to the user (see the Medical
Ultrasound TGC Driving the AD9050, a 10-Bit, 40 MSPS ADC
section for the AD9050 example), VOCM can be specifically set.
The input resistance looking into the VOCM pin is 45 kΩ ± 20%.
FBK
C1
VGN
PAI
–DSX
EXT.
COM
VPOS
VOCM
C3
C2
OUT
175Ω
G1
Ao
G2
EXT.
175Ω
R4
200kΩ
R3
200kΩ
VREF
DISTRIBUTED GM
GAIN
CONTROL
DIFFERENTIAL
ATTENUATOR
R1
820Ω
R2
20Ω
+DSX
PAO
R7
40Ω
R5
32Ω
R6
8Ω
Figure 37. Simplified Block Diagram of a Single Channel of the AD604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com