Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD627BRZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # AD627BRZ-R7
Description  Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD627BRZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD627BRZ-R7 Datasheet HTML 13Page - Analog Devices AD627BRZ-R7 Datasheet HTML 14Page - Analog Devices AD627BRZ-R7 Datasheet HTML 15Page - Analog Devices AD627BRZ-R7 Datasheet HTML 16Page - Analog Devices AD627BRZ-R7 Datasheet HTML 17Page - Analog Devices AD627BRZ-R7 Datasheet HTML 18Page - Analog Devices AD627BRZ-R7 Datasheet HTML 19Page - Analog Devices AD627BRZ-R7 Datasheet HTML 20Page - Analog Devices AD627BRZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD627
Rev. D | Page 17 of 24
Table 7. Maximum Gain for Low Common-Mode, Single-Supply Applications
VIN
REF Pin
Supply Voltage
RG (1% Tolerance)
Resulting Maximum Gain
Output Swing WRT 0 V
±100 mV, VCM = 0 V
2 V
5 V to 15 V
28.7 kΩ
12.0
0.8 V to 3.2 V
±50 mV, VCM = 0 V
2 V
5 V to 15 V
10.7 kΩ
23.7
0.8 V to 3.2 V
±10 mV, VCM = 0 V
2 V
5 V to 15 V
1.74 kΩ
119.9
0.8 V to 3.2 V
V− = 0 V, V+ = 0 V to 1 V
1 V
10 V to 15 V
78.7 kΩ
7.5
1 V to 8.5 V
V− = 0 V, V+ = 0 mV to 100 mV
1 V
5 V to 15 V
7.87 kΩ
31
1 V to 4.1 V
V− = 0 V, V+ = 0 mV to 10 mV
1 V
5 V to 15 V
787 Ω
259.1
1 V to 3.6 V
Table 8. RTI Error Sources
Maximum Total RTI Offset Error (μV)
Maximum Total RTI Offset Drift (μV/°C)
Total RTI Noise (nV/√Hz)
Gain
AD627A
AD627B
AD627A
AD627B
AD627A /AD627B
+5
450
250
5
3
95
+10
350
200
4
2
66
+20
300
175
3.5
1.5
56
+50
270
160
3.2
1.2
53
+100
270
155
3.1
1.1
52
+500
252
151
3
1
52
+1000
251
151
3
1
52
Table 7 gives values for the maximum gain for various single-
supply input conditions. The resulting output swings refer to
0 V. To maximize the available gain and output swing, set the
voltages on the REF pins to either 2 V or 1 V. In most cases,
there is no advantage to increasing the single supply to greater
than 5 V (the exception is an input range of 0 V to 1 V).
OUTPUT BUFFERING
The AD627 is designed to drive loads of 20 kΩ or greater but
can deliver up to 20 mA to heavier loads at lower output voltage
swings (see Figure 10). If more than 20 mA of output current is
required at the output, buffer the AD627 output with a precision
op amp, such as the OP113. Figure 40 shows this for a single
supply. This op amp can swing from 0 V to 4 V on its output
while driving a load as small as 600 Ω.
VIN RG
+VS
–VS
AD627
0.1µF
0.1µF
0.1µF
–VS
VOUT
REF
RG
0.1µF
OP113
Figure 40. Output Buffering
INPUT AND OUTPUT OFFSET ERRORS
The low errors of the AD627 are attributed to two sources,
input and output errors. The output error is divided by G when
referred to the input. In practice, input errors dominate at high
gains and output errors dominate at low gains. The total offset
error for a given gain is calculated as
Total Error RTI = Input Error + (Output Error/Gain)
(5)
Total Error RTO = (Input Error × G) + Output Error
(6)
RTI offset errors and noise voltages for different gains are listed
in Table 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com