Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL2 Datasheet(PDF) 2 Page - Klein Tools, Inc.

Part # LL2
Description  Hex-Key Wrenches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KLEIN [Klein Tools, Inc.]
Direct Link  https://www.kleintools.com/
Logo KLEIN - Klein Tools, Inc.

LL2 Datasheet(HTML) 2 Page - Klein Tools, Inc.

  LL2 Datasheet HTML 1Page - Klein Tools, Inc. LL2 Datasheet HTML 2Page - Klein Tools, Inc. LL2 Datasheet HTML 3Page - Klein Tools, Inc. LL2 Datasheet HTML 4Page - Klein Tools, Inc. LL2 Datasheet HTML 5Page - Klein Tools, Inc. LL2 Datasheet HTML 6Page - Klein Tools, Inc. LL2 Datasheet HTML 7Page - Klein Tools, Inc. LL2 Datasheet HTML 8Page - Klein Tools, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
T-Handle Ball-End Hex-Keys - SAE
Includes core Journeyman™ T-handle hex-key features plus:
• Short blade-through handle provides maximum tool versatility
JTH6E13BE
T-Handle Ball-End Hex-Key Set with Stand - SAE
Includes core Journeyman™ T-handle hex-key features plus:
• Metal stand for convenient hanging, storage on bench or wall
• Short blade-through handle provides maximum tool versatility
JTH610EB
Cat. No.
Hex Size
Blade Length
Weight
JTH6E06BE
3/32"
6" (152.4 mm)
0.64 oz (18.1 g)
JTH6E07BE
7/64"
6" (152.4 mm)
0.80 oz (22.7 g)
JTH6E08BE
1/8"
6" (152.4 mm)
1.0 oz (28 g)
JTH6E09BE
9/64"
6" (152.4 mm)
1.1 oz (31 g)
JTH6E10BE
5/32"
6" (152.4 mm)
0.12 lb (0.05 kg)
JTH6E11BE
3/16"
6" (152.4 mm)
0.14 lb (0.06 kg)
Cat. No.
Set Contains
Weight
JTH610EB
3.0 lb (1.4 kg)
Cat. No.
Hex Size
Blade Length
JTH6E06BE
3/32"
6" (152.4 mm)
JTH6E07BE
7/64"
6" (152.4 mm)
JTH6E08BE
1/8"
6" (152.4 mm)
JTH6E09BE
9/64"
6" (152.4 mm)
JTH6E10BE
5/32"
6" (152.4 mm)
JTH6E11BE
3/16"
6" (152.4 mm)
JTH6E12BE
7/32"
6" (152.4 mm)
JTH6E13BE
1/4"
6" (152.4 mm)
JTH6E14BE
5/16"
6" (152.4 mm)
JTH6E15BE
3/8"
6" (152.4 mm)
Cat. No.
Hex Size
Blade Length
Weight
JTH6E12BE
7/32"
6" (152.4 mm)
0.17 lb (0.08 kg)
JTH6E13BE
1/4"
6" (152.4 mm)
0.27 lb (0.12 kg)
JTH6E14BE
5/16"
6" (152.4 mm)
0.35 lb (0.16 kg)
JTH6E15BE
3/8"
6" (152.4 mm)
0.45 lb (0.20 kg)
JTH6E17BE
1/2"
6" (152.4 mm)
0.70 lb (0.32 kg)
T-Handle
Hex-Keys
Blade-through handle design
for high torque applications
Chamfered end
for ease of use
Soft touch grips for maximum
control and comfort
Convenient
hang hole
Size laser etched on blade
Tip-Ident™
sizes marked
T-handle design delivers
maximum power
TORX® is a trademark of Acument Intellectual Properties, LLC.
Ball-End TORX®
Hex
Hex-Key Wrenches
See page 310 for additional information on warnings.
www.kleintools.com
90



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com