Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90CF366 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90CF366
Description  3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-85MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-85MHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CF366 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button DS90CF366_06 Datasheet HTML 8Page - National Semiconductor (TI) DS90CF366_06 Datasheet HTML 9Page - National Semiconductor (TI) DS90CF366_06 Datasheet HTML 10Page - National Semiconductor (TI) DS90CF366_06 Datasheet HTML 11Page - National Semiconductor (TI) DS90CF366_06 Datasheet HTML 12Page - National Semiconductor (TI) DS90CF366_06 Datasheet HTML 13Page - National Semiconductor (TI) DS90CF366_06 Datasheet HTML 14Page - National Semiconductor (TI) DS90CF366_06 Datasheet HTML 15Page - National Semiconductor (TI) DS90CF366_06 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
DS90CF386 Pin Descriptions — 64 ball FBGA Package —
FPD Link Receiver (Continued)
By Pin
By Pin Type
F1
RxOUT23
O
E2
RxOUT24
O
F2
RxOUT26
O
G1
RxOUT25
O
F3
NC
F2
RxOUT26
O
F4
RxIN1-
I
H1
RxOUT27
O
F5
RxIN2+
I
B8
RxOUT3
O
F6
PLL GND
G
C6
RxOUT4
O
F7
PLL VCC
P
B7
RxOUT5
O
F8
NC
A8
RxOUT6
O
G1
RxOUT25
O
A7
RxOUT7
O
G2
NC
A6
RxOUT8
O
G3
LVDS GND
G
C5
RxOUT9
O
G4
RxIN1+
I
E4
LVDS VCC
P
G5
RxIN2-
I
H4
LVDS VCC
P
G6
RxIN3-
I
F7
PLL VCC
P
G7
LVDS GND
G
A2
VCC
P
G8
PLL GND
G
B5
VCC
P
H1
RxOUT27
O
D1
VCC
P
H2
RxIN0-
I
D6
VCC
P
H3
RxIN0+
I
B2
NC
H4
LVDS VCC
P
C2
NC
H5
LVDS GND
G
C7
NC
H6
RxCLKIN-
I
F3
NC
H7
RxCLKIN+
I
F8
NC
H8
RxIN3+
I
G2
NC
G: Ground
I : Input
O: Output
P: Power
NC: Not connectted
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com