Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2622 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2622
Description  600kHz/1.3MHz Step-up PWM DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2622 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM2622 Datasheet HTML 7Page - National Semiconductor (TI) LM2622 Datasheet HTML 8Page - National Semiconductor (TI) LM2622 Datasheet HTML 9Page - National Semiconductor (TI) LM2622 Datasheet HTML 10Page - National Semiconductor (TI) LM2622 Datasheet HTML 11Page - National Semiconductor (TI) LM2622 Datasheet HTML 12Page - National Semiconductor (TI) LM2622 Datasheet HTML 13Page - National Semiconductor (TI) LM2622 Datasheet HTML 14Page - National Semiconductor (TI) LM2622 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Operation (Continued)
gin can also be improved by adding C
C2 as discussed earlier
in the section. The equation for A
DC is given below with
additional equations required for the calculation:
mc ) 0.072fs (in V/s)
where R
L is the minimum load resistance, VIN is the mini-
mum input voltage, g
m is the error amplifier transconduc-
tance found in the Electrical Characteristics table, and R
D-
SON
is the value chosen from the graph "R
DSON vs. VIN "in
the Typical Performance Characteristics section.
LAYOUT CONSIDERATIONS
The input bypass capacitor C
IN, as shown in the typical
operating circuit, must be placed close to the IC. This will
reduce copper trace resistance which effects input voltage
ripple of the IC. For additional input voltage filtering, a 100nF
bypass capacitor can be placed in parallel with C
IN, close to
the V
IN pin, to shunt any high frequency noise to ground. The
output capacitor, C
OUT, should also be placed close to the
IC. Any copper trace connections for the C
OUT capacitor can
increase the series resistance, which directly effects output
voltage ripple. The feedback network, resistors R
FB1 and
R
FB2, should be kept close to the FB pin, and away from the
inductor, to minimize copper trace connections that can in-
ject noise into the system. Trace connections made to the
inductor and schottky diode should be minimized to reduce
power dissipation and increase overall efficiency. For more
detail on switching power supply layout considerations see
Application Note AN-1149: Layout Guidelines for Switching
Power Supplies.
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com