Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM5452 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # MM5452
Description  Liquid Crystal Display Drivers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM5452 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MM5452 Datasheet HTML 1Page - National Semiconductor (TI) MM5452 Datasheet HTML 2Page - National Semiconductor (TI) MM5452 Datasheet HTML 3Page - National Semiconductor (TI) MM5452 Datasheet HTML 4Page - National Semiconductor (TI) MM5452 Datasheet HTML 5Page - National Semiconductor (TI) MM5452 Datasheet HTML 6Page - National Semiconductor (TI) MM5452 Datasheet HTML 7Page - National Semiconductor (TI) MM5452 Datasheet HTML 8Page - National Semiconductor (TI) MM5452 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Voltage at Any Pin, Referenced to
Gnd
-0.3V to +10V
Storage Temperature
-65˚C to +150˚C
Power Dissipation at 25˚C
350mW
Power Dissipation at 70˚C
300mW
Junction Temperature
+150˚C
Lead Temperature
(Soldering,
10s)
300˚C
Recommended Operating
Conditions
V
DD
3V to 10V
Operating Temperature
−40˚C to 85˚C
Electrical Characteristics T
A within operating range, VDD = 3.0V to 10V, VSS = 0V unless otherwise speci-
fied.
Parameter
Conditions
Min
Typ
Max
Units
Supply Voltage, V
DD
310
V
Average Supply Current, I
DD
All Outputs Open, Clock=Gnd,
Data=Gnd,OSC=Gnd, BP_IN @ 32Hz
V
DD=5V
10
µA
V
DD= 10V
40
µA
Input Logical ’0’ Voltage, V
IL
V
DD= 3V
0.4
V
V
DD= 5V
0.8
V
V
DD= 10V
0.8
V
Input Logical ’1’ Voltage, V
IH
V
DD= 3V
2.0
V
V
DD= 5V
2.0
V
V
DD= 10V
8.0
V
Segment Sink Current, I
OL
V
DD= 3V, VOUT= 0.3V
-20
-40
µA
Segment Source Current, I
OH
V
DD= 3V, VOUT= 2.7V
20
40
µA
Backplane Out Sink Current,
I
OL
V
DD= 3V, VOUT= 0.3V
-320
-500
µA
Backplane Out Source
Current, I
OH
V
DD= 3V, VOUT= 2.7V
320
500
µA
Segment Output Offset
Voltage
Segment Load = 250pF (Note 2)
+/-50
mV
Backplane Output Offset
Voltage
Backplane Load = 8750pF (Note 2)
+/-50
mV
Backplane Out Frequency
R
OSC_IN= 50kΩ,COSC_IN= 0.01µF
75
Hz
Clock Input Frequency, f
CLOCK
V
DD= 3V (Notes 2, 3)
500
kHz
V
DD= 5V (Note 2)
750
kHz
V
DD= 10V (Note 2)
1.0
MHz
Clock Input Duty Cycle
40
60
%
Data Input Set-Up Time, t
DS
300
ns
Data Input Hold Time, t
DH
300
ns
DataEnable Set-up Time, t
DES
100
ns
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The table of “Electrical Characteristics” specifies conditions of device operation.
Note 2: This parameter is guaranteed (but not production tested) over the operating temperature range and the operating supply voltage range. Not to be used in
Q.A. testing.
Note 3: AC input waveform for test purposes: tr≤ 20ns, tf≤ 20ns, fCLOCK= 500kHz, Duty Cycle = 50% ±10%
Note 4: Clock input rise time (tr) and fall time (tf) must not exceed 300ns
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com