Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6221CD Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6221CD
Description  QUAD DARLINGTON SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6221CD Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6221CD Datasheet HTML 4Page - STMicroelectronics L6221CD Datasheet HTML 5Page - STMicroelectronics L6221CD Datasheet HTML 6Page - STMicroelectronics L6221CD Datasheet HTML 7Page - STMicroelectronics L6221CD Datasheet HTML 8Page - STMicroelectronics L6221CD Datasheet HTML 9Page - STMicroelectronics L6221CD Datasheet HTML 10Page - STMicroelectronics L6221CD Datasheet HTML 11Page - STMicroelectronics L6221CD Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Figure 14 : Collector Sa turation Voltage
vs. Junction Temperature
at IC =1A.
Figure 15 : Free-wheeling Diode Forward
Voltage vs. Junction Tempera-
ture at IF =1A.
Figure 16 : Satu ration Voltage vs. Junc-
tion Temperature at IC = 1.8A.
Figure 17 : Free-wheeling Diode Forward
Voltage vs. Junction Tempera-
ture at If = 1.8A.
Figure 12 : Collector Sa turation Voltage
vs. Collector Current.
Figure 13 : Free-wheeling Diode Forward
Voltage vs. Diode Current .
L6221C-L6221CN-L6221CD
8/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com