Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8010 Datasheet(PDF) 1 Page - VECTOR ELECTRONICS AND TECHNOLOGY, INC.

Part # 8010
Description  Prototyping Boards (Circbord®)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTOR [VECTOR ELECTRONICS AND TECHNOLOGY, INC.]
Direct Link  https://www.vectorelect.com/
Logo VECTOR - VECTOR ELECTRONICS AND TECHNOLOGY, INC.

8010 Datasheet(HTML) 1 Page - VECTOR ELECTRONICS AND TECHNOLOGY, INC.

  8010 Datasheet HTML 1Page - VECTOR ELECTRONICS AND TECHNOLOGY, INC. 8010 Datasheet HTML 2Page - VECTOR ELECTRONICS AND TECHNOLOGY, INC. 8010 Datasheet HTML 3Page - VECTOR ELECTRONICS AND TECHNOLOGY, INC. 8010 Datasheet HTML 4Page - VECTOR ELECTRONICS AND TECHNOLOGY, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
11115 Vanowen St., North Hollywood, CA 91605 Phone(818)985-8208 Fax(818)985-7708
Web site: http://www.vectorelect.com ELECTRONIC COMPANY
Toll-Free (800) 423-5659
Circuit Pattern:
3-Hole Solder Pad
Contacts:
N/A
Width/Thick:
6.50"/.062"
Height:
4.50"
16-Pin DIP Capacity:
20
Material:
CEM-1
Solder Terminals:
T42-1, K24C, K31C
Wire-Wrap Terminals:
T44, T46, T49, T68
Wire-Wrap Socket Pins:
R32
Hole Diameter:
.042"
Circuit Pattern:
Pad-Per-Hole
Contacts:
N/A
Width/Thick:
12.86"/.062"
Height:
4.00"
Contacts:
N/A
16-Pin DIP Capacity:
124
Material:
FR4 Epoxy Glass
Wire-Wrap Terminals:
T44, T46, T49, T68,
Solder Terminals:
T42-1
Wire-Wrap Socket Pins:
R32
Hole Diameter:
.042"
8010
4.0" x 13.0"
• Precision-Drilled,
plated-thru holes
• 0.080" diameter,
isolated solder pad
around each hole
• Board size and
surface area approxi-
mate Macintosh II
specifications
• Unrestricted
component
placement
VECTORBORD®
Prototyping Boards (Circbord®)
8001
4.50" x 6.5"
• Ideal for wire-wrap
applications
• Power and ground buses
etched onto wiring side
only
• Bus surfaces solder
coated for user
convenience
• Mount components with
0.3", 0.6" and 0.9" lead
spacing
• I/O area with solder pads
for mounting connector
8002
4.5" x 6.5"
Circuit Pattern:
Interleaved Buses
Contacts:
N/A
Width/Thick:
6.50"/.062"
Height:
4.50"
16-Pin DIP Capacity:
36
Material:
CEM-1
Solder Terminals:
T42-1
Wire-Wrap Terminals:
T44, T46, T49, T68
Wire-Wrap Socket Pins:
R32
Hole Diameter:
.042"
8003
4.5" x 6.5"
Circuit Pattern:
Pad-Per-Hole
Contacts:
N/A
Width/Thick:
6.50"/.062"
Height:
4.50"
16-Pin DIP Capacity:
60
Material:
CEM-1
Solder Terminals:
T42-1
Wire-Wrap Terminals:
T44, T46. T49. T68
Wire-Wrap Socket Pins:
R32
Hole Diameter:
.042"
• Square solder pad
etched around each
hole on wiring side
• Accommodates any
type DIP IC device or
discrete component
• Circuit pattern etched
onto wiring side only
• Solder mount DIP
sockets or IC devices
with any lead spacing
• 3-hole solder pads
(0.28" X 0.080") for
interconnecting multiple
component leads


Similar Part No. - 8010

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8010 FILTRAN-8010 Datasheet
200Kb / 1P
T1/CEPT Extended Temperature Range SMD Dual Line Interface Module
logo
Sonardyne sound in dept...
8010 SONARDYNE-8010 Datasheet
116Kb / 2P
RovNav 5 LBL Transceiver
logo
NTE Electronics
8010 NTE-8010 Datasheet
57Kb / 1P
Radial Lead Thermal Cutoff
logo
REMA Lipprandt GmbH & C...
80100-00 REMA-80100-00 Datasheet
128Kb / 1P
MonoCon
80100-00 REMA-80100-00 Datasheet
325Kb / 9P
REMA Connectors with flat Contacts
More results

Similar Description - 8010

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MB6010 MITEL-MB6010 Datasheet
8Kb / 2P
Product Summary Prototyping Kits
logo
List of Unclassifed Man...
RSC-4XRPM ETC1-RSC-4XRPM Datasheet
103Kb / 7P
Rapid Prototyping Module
logo
Future Technology Devic...
VDIP2 FTDI-VDIP2 Datasheet
531Kb / 12P
Vinculum VNC1L Prototyping Module
VDIP1 FTDI-VDIP1 Datasheet
825Kb / 13P
Vinculum VNC1L Prototyping Module
logo
Ironwood Electronics.
CA-MLF52C-A-S-01 IRONWOOD-CA-MLF52C-A-S-01 Datasheet
73Kb / 1P
BGA Prototyping Adaptor
logo
Aries Electronics, Inc.
19000 ARIES-19000 Datasheet
660Kb / 1P
Small Outline Prototyping Adapters
19001 ARIES-19001 Datasheet
786Kb / 1P
QFP Prototyping Adapters
logo
EM Microelectronic - MA...
EMEVB8900 EMMICRO-EMEVB8900 Datasheet
153Kb / 1P
Evaluation & Prototyping Tool for EM8900
logo
Cypress Semiconductor
CY8CKIT-059 CYPRESS-CY8CKIT-059 Datasheet
2Mb / 48P
5LP Prototyping Kit Guide
logo
Rohm
SPRESENSE-SENSOR-EVK-701 ROHM-SPRESENSE-SENSOR-EVK-701 Datasheet
606Kb / 7P
Sensors and Bluetooth® Add-on boards for Sony Spresense
Rev.001
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com