Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8003 Datasheet(PDF) 2 Page - VECTOR ELECTRONICS AND TECHNOLOGY, INC.

Part # 8003
Description  Prototyping Boards (Circbord®)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTOR [VECTOR ELECTRONICS AND TECHNOLOGY, INC.]
Direct Link  https://www.vectorelect.com/
Logo VECTOR - VECTOR ELECTRONICS AND TECHNOLOGY, INC.

8003 Datasheet(HTML) 2 Page - VECTOR ELECTRONICS AND TECHNOLOGY, INC.

  8003 Datasheet HTML 1Page - VECTOR ELECTRONICS AND TECHNOLOGY, INC. 8003 Datasheet HTML 2Page - VECTOR ELECTRONICS AND TECHNOLOGY, INC. 8003 Datasheet HTML 3Page - VECTOR ELECTRONICS AND TECHNOLOGY, INC. 8003 Datasheet HTML 4Page - VECTOR ELECTRONICS AND TECHNOLOGY, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications subject to change without notice.
ELECTRONIC COMPANY
VECTORBORD®
3677-6
4.5" x 8.08"
Circuit Pattern:
3-Hole Solder Pad
Contacts:
N/A
Width/Thick:
8.08"/.062"
Height:
4.50"
16-Pin DIP Capacity:
21
Material:
CEM-1
Solder Terminals:
T42-1
Wire-Wrap Terminals:
T44, T46, T49, T68
Wire-Wrap Socket Pins:
R32
Hole Diameter:
.042"
Circuit Pattern:
Ground Plane
Contacts:
N/A
Width/Thick:
6.50"/.062"
Height:
4.50"
16-Pin DIP Capacity:
50
Material:
CEM-1
Solder Terminals:
T42-1
Wire-Wrap Terminals:
T44, T46, T49, T68
Wire-Wrap Socket Pins:
R32
Hole Diameter:
.042"
8007
4.5" x 6.5"
Circuit Pattern:
Pad-Per-Hole/
Ground Plane
Contacts:
N/A
Width/Thick:
6.50"/.062"
Height:
4.50"
16-Pin DIP Capacity:
60
Material:
CEM-1
Solder Terminals:
T42-1
Wire-Wrap Terminals:
T44, T46, T49, T68
Wire-Wrap Socket Pins:
R32
Hole Diameter:
.042"
• Pad-Per-Hole pattern on
component side - overall
Ground Plane pattern on
wiring side
• To commit wire-wrap pins to
ground planes, use Vector T124
solder washers, available
separately
• 0.080" diameter, isolated solder
pad around holes, component
side
• Accommodates any type DIP IC
device or discrete component
• Plane and pad surfaces solder-
coated for user convenience
8004
4.5" x 6.5"
• To commit wire-wrap pins to
voltage and ground planes, use
Vector T124 solder washers,
available separately
• 0.085" diameter clearance
around holes
• Etched overall ground plane on
wiring side only
• Plane surfaces solder-coated
for user convenience
• I/O area with solder pads for
mounting connector
• Unique circuit pattern features
full voltage and ground planes
on opposite sides with isolated,
plated-thru holes
• 0.080" diameter, isolated solder
pad around holes, component
side
• Plane surfaces solder-coated
for user convenience
• SMD cap positions for discrete
decoupling capacitors
Circuit Pattern:
Pads & Planes
Contacts:
N/A
Width/Thick:
6.50"/.062"
Height:
4.50"
16-Pin DIP Capacity:
70
Material:
FR4 Epoxy Glass
Solder Terminals:
T42-1
Wire-Wrap Terminals:
T44, T46, T49, T68
Wire-Wrap Socket Pins:
R32
Hole Diameter:
.042"
8008
4.5" x 6.5"
• Etched circuit pattern on wiring
side only
• 0.080" diameter, isolated solder
pad around holes, both sides
• 3-hole solder pads
(0.028" X 0.080") for
interconnecting multiple
component leads
• Pad and bus surfaces solder-
coated for user convenience
Prototyping Boards (Circbord®)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com