Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMFTP923KDMP Datasheet(PDF) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # MMFTP923KDMP
Description  Dual P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

MMFTP923KDMP Datasheet(HTML) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  MMFTP923KDMP Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. MMFTP923KDMP Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. MMFTP923KDMP Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. MMFTP923KDMP Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd. MMFTP923KDMP Datasheet HTML 5Page - Guangdong Huixin Electronic Technology Co., Ltd. MMFTP923KDMP Datasheet HTML 6Page - Guangdong Huixin Electronic Technology Co., Ltd. MMFTP923KDMP Datasheet HTML 7Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MMFTP923KDMP
Dual P-Channel Enhancement Mode MOSFET
Features
• Typical ESD Protection HBM Class 1B
Applications
• Portable appliances
• High speed switch
• Battery management
Absolute Maximum Ratings(at Ta = 25
℃ unless otherwise specified)
Thermal Characteristics
1) Pulse Test: Pulse Width ≤ 100 μs, Duty Cycle ≤ 2%, Repetitive rating, pulse width limited by junction temperature TJ(MAX) = 150°C.
2) Limited by TJ(MAX), starting TJ = 25 °C, L = 0.1 mH, Rg = 25 Ω, -ID = 16.8 A, VGS = 8 V.
3) Device mounted on FR-4 substrate PC board, 2oz copper, with 1-inch square copper plate in still air.
Classification Voltage Range(V)
0A
< 125
0B
125 to < 250
1A
250 to < 500
1B
500 to < 1000
1C
1000 to < 2000
2
2000 to < 4000
3A
4000 to < 8000
3B
≥ 8000
Parameter
Symbol
Value
Unit
Drain-Source Voltage
-VDS
20
V
Gate-Source Voltage
VGS
± 8
V
Drain Current
-ID
4.5
A
Pulsed Drain Current 1)
-IDM
20
A
Avalanche Current
-IAS
16.8
A
Single Pulse Avalanche Energy 2)
EAS
14.1
mJ
Power Dissipation
Tc = 25
℃
Ta = 25
℃
PD
7.8
1.47
W
Operating Junction and Storage Temperature Range
Tj ,Tstg
- 55 to + 150
℃
Parameter
Symbol
Max.
Unit
Thermal Resistance from Junction to Case
RθJC
10
℃/W
Thermal Resistance from Junction to Ambient 3)
RθJA
90
℃/W
12
3
6
5
4
Q1
Q2
1
2
3
45
6
Q2
Drain
Q1
Drain
Q1: 1. Sourse 2. Gate 6. Drain
Q2: 4. Sourse 5. Gate 3. Drain
DFN2020
Plastic Package
+86-769-22857832
huixin@hx kj.hk
Rev.01
Page 1 of 7


Similar Part No. - MMFTP923KDMP

ManufacturerPart #DatasheetDescription
logo
Guangdong Huixin Electr...
MMFTP0421KE HUIXIN-MMFTP0421KE Datasheet
1Mb / 6P
P-Channel Enhancement Mode MOSFET
MMFTP1013KW HUIXIN-MMFTP1013KW Datasheet
1Mb / 6P
P-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
MMFTP2301 VBSEMI-MMFTP2301 Datasheet
476Kb / 9P
P-Channel 20-V (D-S) MOSFET
logo
Diotec Semiconductor
MMFTP3401 DIOTEC-MMFTP3401 Datasheet
714Kb / 5P
P-Channel Enhancement Mode FET P-Kanal FET – Anreicherungstyp
2023-01-08
logo
SEMTECH ELECTRONICS LTD...
MMFTP84 SEMTECH_ELEC-MMFTP84 Datasheet
170Kb / 2P
P-Channel Enhancement Mode Vertical D-MOS Transistor
More results

Similar Description - MMFTP923KDMP

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM4953 CET-CEM4953 Datasheet
499Kb / 5P
Dual P-Channel Enhancement Mode MOSFET
logo
Linear Integrated Syste...
3N190-1 LINEAR-3N190-1 Datasheet
274Kb / 2P
P-CHANNEL DUAL MOSFET ENHANCEMENT MODE
logo
Anpec Electronics Corop...
APM4947K ANPEC-APM4947K Datasheet
117Kb / 10P
Dual P-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP6308 SYNC-POWER-SPP6308 Datasheet
213Kb / 8P
Dual P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP3098LSD DIODES-DMP3098LSD Datasheet
165Kb / 4P
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DS31448 Rev. 3 - 2
DMP210DUDJ DIODES-DMP210DUDJ Datasheet
446Kb / 6P
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DS31494 Rev. 4 - 2
DMP57D5UV DIODES-DMP57D5UV Datasheet
150Kb / 5P
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DS31540 Rev. 3 - 2
DMP2035UTS DIODES-DMP2035UTS Datasheet
163Kb / 6P
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DS31940 Rev. 3 - 2
DMG1023UV DIODES-DMG1023UV Datasheet
139Kb / 6P
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DS31975 Rev. 5 - 2
logo
SYNC POWER Crop.
SPP6308 SYNC-POWER-SPP6308_08 Datasheet
218Kb / 8P
Dual P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com