Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6226N Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6226N
Description  DMOS DUAL FULL BRIDGE DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6226N Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6226N Datasheet HTML 7Page - STMicroelectronics L6226N Datasheet HTML 8Page - STMicroelectronics L6226N Datasheet HTML 9Page - STMicroelectronics L6226N Datasheet HTML 10Page - STMicroelectronics L6226N Datasheet HTML 11Page - STMicroelectronics L6226N Datasheet HTML 12Page - STMicroelectronics L6226N Datasheet HTML 13Page - STMicroelectronics L6226N Datasheet HTML 14Page - STMicroelectronics L6226N Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11/22
L6226
Figure 9. Output Current Protection Threshold versus RCL Value
Figure 10. tDISABLE versus CEN and REN (VDD = 5V).
5k
10k
15k
20 k
2 5 k
30k
3 5 k
40k
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2.5
R
CL [ Ω ]
2
2.25
I SO VER
[A ]
1
10
100
1
10
100
1 .10
3
C EN [nF]
R EN = 220 kΩ
R EN = 100 kΩ
R EN = 47 kΩ
R EN = 33 kΩ
R EN = 10 kΩ
1
10
100
1
10
100
1 .10
3
C EN [nF]
R EN = 220 kΩ
R EN = 100 kΩ
R EN = 47 kΩ
R EN = 33 kΩ
R EN = 10 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com