Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLQ-310 Datasheet(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

Part # SLQ-310
Description  90쨘 HYBRID SURFACE 3:1 bandwidth 115 - 345 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

SLQ-310 Datasheet(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  SLQ-310 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION SLQ-310 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION SLQ-310 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION SLQ-310 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
115 - 345 MHz
3:1 bandwidth
90º HYBRID
SURFACE MOUNT MODEL: SLQ-310
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
Copyright © 2008 Synergy Microwave Corporation
FEATURES:
► Excellent Performance
► Small Size, Surface Mount
► building block For:
- Power Amplifiers
- Image Rejection Mixers
- I & Q / SSB Modulators
- Phase Shifters & More...
SPECIFICATIONS (Rev. B 02/11/08)
Frequency
115 - 345 MHz
Insertion Loss (dB) *
Typ.
Max.
0.4
0.8
amplitude Unbalance
Typ.
Max.
0.8
1.4
Phase Unbalance (Deg.)
Typ.
Max.
2
4
Isolation (dB)
Typ.
Min.
20
15
Power Rating
1 Watt (Max.)
impedance
50 Ohms (Nom.)
VSwR
1.3:1 (Typ.)
Operating temperature Range
-40 to +85 °C
Storage temperature Range
-55 to +100 ºC
* Insertion loss in excess of the theoretical 3 dB coupling.
Package #
159
Port Configuration
input
Isolated*
+90º
Output
0º
Output
GND.**
6
5
1
2
3,4
* Terminate ISOLATED port in 50 Ohms EXTERNALLY.
** Ground Externally


Similar Part No. - SLQ-310

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
SLQ-302 SYNERGY-SLQ-302 Datasheet
64Kb / 2P
QUADRATURE HYBRID 3:1 BANDWIDTH 20 - 60 MHz
SLQ-303 SYNERGY-SLQ-303 Datasheet
67Kb / 2P
QUADRATURE HYBRID 3:1 BANDWIDTH 30 - 90 MHz
SLQ-303-1 SYNERGY-SLQ-303-1 Datasheet
67Kb / 2P
QUADRATURE HYBRID 3:1 BANDWIDTH 30 - 90 MHz
SLQ-305 SYNERGY-SLQ-305 Datasheet
494Kb / 4P
90쨘 HYBRID
SLQ-330 SYNERGY-SLQ-330 Datasheet
60Kb / 2P
QUADRATURE HYBRID 3:1 BANDWIDTH 240 - 720 MHz
More results

Similar Description - SLQ-310

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
SMQ-C20 SYNERGY-SMQ-C20 Datasheet
344Kb / 4P
90쨘 HYBRID SURFACE MOUNT optimized bandwidth 52 - 88 MHz
SMQ-C12 SYNERGY-SMQ-C12 Datasheet
264Kb / 4P
90쨘 HYBRID SURFACE MOUNT OPTIMIZED BANDWIDTH 127.72 MHz
SMQ-C09 SYNERGY-SMQ-C09 Datasheet
342Kb / 4P
90쨘 HYBRID SURFACE MOUNT 3:1 BANDWIDTH 14 - 42 MHz
SMQ-C02 SYNERGY-SMQ-C02 Datasheet
342Kb / 4P
90쨘 HYBRID 2:1 SURFACE MOUNT Bandwidth 40 - 80 MHz
SLQ-K10 SYNERGY-SLQ-K10 Datasheet
334Kb / 4P
90쨘 HYBRID SURFACE MOUNT optimized bandwidth 500 - 1000 MHz
SQ-67 SYNERGY-SQ-67 Datasheet
109Kb / 2P
90쨘 HYBRID 10% BANDWIDTH 427.5 - 477.5 MHz
SMQ-CB1 SYNERGY-SMQ-CB1 Datasheet
356Kb / 4P
90쨘 HYBRID SURFACE MOUNT 2:1 bandwidth 7 - 14 MHz
SLQ-67 SYNERGY-SLQ-67 Datasheet
105Kb / 2P
90쨘 HYBRID 10% BANDWIDTH Fc=450 MHz
DQS-3-32 SYNERGY-DQS-3-32 Datasheet
753Kb / 4P
90쨘 HYBRID 10:1 BANDWIDTH
DQS-15-150 SYNERGY-DQS-15-150 Datasheet
269Kb / 4P
90쨘 HYBRID WIDE BANDWIDTH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com