Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSK1126ZP Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # CSK1126ZP
Description  Countersunk Zinc Plated Twinthread Woodscrews
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

CSK1126ZP Datasheet(HTML) 1 Page - Premier Farnell Limited.

  CSK1126ZP Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Screw Size v Driver Size
Gauge/mm
Driver Size
No. 4 (3mm)
PZ1
No. 6, 8, 9, 10 (3.5, 4, 4.5, 5mm)
PZ2
No. 12 (6mm)
PZ3
Length
Price Per Pack
Gauge
(inches)
(mm)
Pack Qty
Order Code
No. 6
1
⁄2"
13
200
137-7580
No. 6
5
⁄8"
16
200
137-7581
No. 6
3
⁄4"
20
200
137-7582
No. 6
1"
25
200
137-7583
No. 6
11⁄4"
32
200
137-7584
No. 6
11⁄2"
38
200
137-7585
No. 8
3
⁄4"
20
200
137-7586
No. 8
1"
25
200
137-7587
No. 8
11⁄4"
32
200
137-7588
No. 8
11⁄2"
38
200
137-7591
No. 8
13⁄4"
44
200
137-7592
No. 8
2"
50
200
137-7593
No. 8
21⁄2"
63
200
137-7594
No. 8
3"
75
100
137-7595
No. 10
1"
25
200
137-7596
No. 10
11⁄4"
32
200
137-7597
No. 10
11⁄2"
38
200
137-7598
No. 10
2"
50
200
137-7599
No. 10
21⁄2"
63
100
137-7600
No. 10
3"
75
100
137-7601
No. 10
31⁄2"
89
100
137-7602
No. 10
4"
100
100
137-7603
No. 12
11⁄2"
38
200
137-7604
No. 12
2"
50
100
137-7605
No. 12
21⁄2"
63
100
137-7606
Countersunk Zinc Plated Twinthread Woodscrews
Ì Zinc plated and hardened twinthread woodscrews
Ì Countersunk Pozi head
506899


Similar Part No. - CSK1126ZP

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CSK1040J3 CYSTEKEC-CSK1040J3 Datasheet
241Kb / 6P
CSK1040J3 CYStek Product Specification
More results

Similar Description - CSK1126ZP

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
HPR16SZPL HAMMOND-HPR16SZPL Datasheet
85Kb / 1P
12 GAUGE ZINC PLATED
HPR18SZPL HAMMOND-HPR18SZPL Datasheet
87Kb / 1P
12 GAUGE ZINC PLATED
HPR20SZPL HAMMOND-HPR20SZPL Datasheet
89Kb / 1P
12 GAUGE ZINC PLATED
HPR22SZPL HAMMOND-HPR22SZPL Datasheet
91Kb / 1P
12 GAUGE ZINC PLATED
logo
E-SWITCH
K200295 E-SWITCH-K200295 Datasheet
135Kb / 1P
HOUSING: NICKEL PLATED ZINC ALLOY (BLACK FACING)
K200298 E-SWITCH-K200298 Datasheet
127Kb / 1P
HOUSING: NICKEL PLATED ZINC ALLOYWITH NICKEL FACING
logo
Molex Electronics Ltd.
130112-0161 MOLEX11-130112-0161 Datasheet
40Kb / 1P
Construction Guard 1-3/4 Neck Zinc Plated
1301120079 MOLEX11-1301120079 Datasheet
43Kb / 1P
100W Guard without Reflector, Steel, Zinc Plated
1301120156 MOLEX11-1301120156 Datasheet
33Kb / 1P
Construction Guard 1-1/2 Neck Zinc Plated
logo
Amphenol Corporation
P-MUSB-B151-XX AMPHENOL-P-MUSB-B151-XX Datasheet
83Kb / 2P
OUTER SHELL: DIE CAST ZINC ALLOY, NICKEL PLATED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com