Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6235 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6235
Description  DMOS DRIVER FOR THREE-PHASE BRUSHLESS DC MOTOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6235 Datasheet(HTML) 4 Page - STMicroelectronics

  L6235 Datasheet HTML 1Page - STMicroelectronics L6235 Datasheet HTML 2Page - STMicroelectronics L6235 Datasheet HTML 3Page - STMicroelectronics L6235 Datasheet HTML 4Page - STMicroelectronics L6235 Datasheet HTML 5Page - STMicroelectronics L6235 Datasheet HTML 6Page - STMicroelectronics L6235 Datasheet HTML 7Page - STMicroelectronics L6235 Datasheet HTML 8Page - STMicroelectronics L6235 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
L6235
4/25
PIN DESCRIPTION
PACKAGE
Name
Type
Function
SO24/
PowerDIP24
PowerSO36
PIN #
PIN #
110
H1
Sensor Input
Single Ended Hall Effect Sensor Input 1.
2
11
DIAG
Open Drain
Output
Overcurrent Detection and Thermal Protection pin. An
internal open drain transistor pulls to GND when an
overcurrent on one of the High Side MOSFETs is
detected or during Thermal Protection.
3
12
SENSEA
Power Supply
Half Bridge 1 and Half Bridge 2 Source Pin. This pin
must be connected together with pin SENSEB to
Power Ground through a sensing power resistor.
4
13
RCOFF
RC Pin
RC Network Pin. A parallel RC network connected
between this pin and ground sets the Current
Controller OFF-Time.
5
15
OUT1
Power Output
Output 1
6, 7,
18, 19
1, 18,
19, 36
GND
GND
Ground
terminals.
On
PowerDIP24
and
SO24
packages,
these
pins
are
also
used
for
heat
dissipation toward the PCB. On PowerSO36 package
the slug is connected on these pins.
8
22
TACHO
Open Drain
Output
Frequency-to-Voltage open drain output. Every pulse
from pin H1 is shaped as a fixed and adjustable length
pulse.
9
24
RCPULSE
RC Pin
RC Network Pin. A parallel RC network connected
between this pin and ground sets the duration of the
Monostable Pulse used for the Frequency-to-Voltage
converter.
10
25
SENSEB
Power Supply
Half Bridge 3 Source Pin. This pin must be connected
together with pin SENSEA to Power Ground through a
sensing power resistor. At this pin also the Inverting
Input of the Sense Comparator is connected.
11
26
FWD/REV
Logic Input
Selects the direction of the rotation. HIGH logic level
sets Forward Operation, whereas LOW logic level sets
Reverse Operation.
If not used, it has to be connected to GND or +5V..
12
27
EN
Logic Input
Chip Enable. LOW logic level switches OFF all Power
MOSFETs.
If not used, it has to be connected to +5V.
13
28
VREF
Logic Input
Current Controller Reference Voltage.
Do not leave this pin open or connect to GND.
14
29
BRAKE
Logic Input
Brake Input pin. LOW logic level switches ON all High
Side Power MOSFETs, implementing the Brake
Function.
If not used, it has to be connected to +5V.
15
30
VBOOT
Supply Voltage Bootstrap Voltage needed for driving the upper Power
MOSFETs.
16
32
OUT3
Power Output
Output 3.
17
33
VSB
Power Supply
Half Bridge 3 Power Supply Voltage. It must be
connected to the supply voltage together with pin VSA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com