Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD822ARM-R2 Datasheet(PDF) 23 Page - Analog Devices

Part # AD822ARM-R2
Description  Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD822ARM-R2 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD822ARM-R2 Datasheet HTML 19Page - Analog Devices AD822ARM-R2 Datasheet HTML 20Page - Analog Devices AD822ARM-R2 Datasheet HTML 21Page - Analog Devices AD822ARM-R2 Datasheet HTML 22Page - Analog Devices AD822ARM-R2 Datasheet HTML 23Page - Analog Devices AD822ARM-R2 Datasheet HTML 24Page - Analog Devices AD822ARM-R2 Datasheet HTML 25Page - Analog Devices AD822ARM-R2 Datasheet HTML 26Page - Analog Devices AD822ARM-R2 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
AD822
Rev. G | Page 23 of 28
3 V, SINGLE-SUPPLY STEREO HEADPHONE
DRIVER
The AD822 exhibits good current drive and THD + N
performance, even at 3 V single supplies. At 1 kHz, total
harmonic distortion plus noise (THD + N) equals –62 dB
(0.079%) for a 300 mV p-p output signal. This is comparable to
other single-supply op amps that consume more power and
cannot run on 3 V power supplies.
95.3kΩ
L
47.5kΩ
47.5kΩ
10kΩ
10kΩ
4.99kΩ
95.3kΩ
R
HEADPHONES
32
Ω IMPEDANCE
3V
+
4.99kΩ
8
1
2
3
7
6
5
4
0.1µF
0.1µF
500µF
500µF
1µF
MYLAR
1µF
MYLAR
CHANNEL 1
CHANNEL 2
1/2
AD822
+
–
1/2
AD822
Figure 50. 3 V Single-Supply Stereo Headphone Driver
In Figure 50, each channel’s input signal is coupled via a 1 μF
Mylar capacitor. Resistor dividers set the dc voltage at the non-
inverting inputs so that the output voltage is midway between the
power supplies (1.5 V). The gain is 1.5. Each half of the AD822
can then be used to drive a headphone channel. A 5 Hz high-pass
filter is realized by the 500 μF capacitors and the headphones that
can be modeled as 32 Ω load resistors to ground. This ensures
that all signals in the audio frequency range (20 Hz to 20 kHz) are
delivered to the headphones.
LOW DROPOUT BIPOLAR BRIDGE DRIVER
The AD822 can be used for driving a 350 Ω Wheatstone bridge.
Figure 51 shows one-half of the AD822 being used to buffer the
AD589, a 1.235 V low power reference. The output of 4.5 V can
be used to drive an ADC converter front end. The other half of
the AD822 is configured as a unity gain inverter and generates
the other bridge input of −4.5 V. Resistor R1 and Resistor R2
provide a constant current for bridge excitation. The AD620 low
power instrumentation amplifier is used to condition the
differential output voltage of the bridge. The gain of the AD620 is
programmed using an external resistor RG and determined by
1
9
.
49
+
Ω
=
G
R
k
G
+1.235V
49.9kΩ
R1
20Ω
25.4kΩ 1%
10kΩ 1%
350Ω
350Ω
350Ω
350Ω
RG
AD589
10kΩ 1%
10kΩ 1%
R2
20Ω
–4.5V
GND
+5V
–5V
1/2
AD822
+
–
1/2
AD822
8
3
2
1
+VS
+VS
–VS
VREF
+VS
–VS
–VS
AD820
+
–
3
2
4
5
6
7
0.1µF
0.1µF
1µF
1µF
++
++
6
5
7
4
TO A/D CONVERTER
REFERENCE INPUT
Figure 51. Low Dropout Bipolar Bridge Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com