Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6235PD Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6235PD
Description  DMOS DRIVER FOR THREE-PHASE BRUSHLESS DC MOTOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6235PD Datasheet(HTML) 5 Page - STMicroelectronics

  L6235PD Datasheet HTML 1Page - STMicroelectronics L6235PD Datasheet HTML 2Page - STMicroelectronics L6235PD Datasheet HTML 3Page - STMicroelectronics L6235PD Datasheet HTML 4Page - STMicroelectronics L6235PD Datasheet HTML 5Page - STMicroelectronics L6235PD Datasheet HTML 6Page - STMicroelectronics L6235PD Datasheet HTML 7Page - STMicroelectronics L6235PD Datasheet HTML 8Page - STMicroelectronics L6235PD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5/25
L6235
PACKAGE
Name
Type
Function
SO24/
PowerDIP24
PowerSO36
PIN #
PIN #
20
4
VSA
Power Supply
Half Bridge 1 and Half Bridge 2 Power Supply Voltage.
It must be connected to the supply voltage together
with pin VSB.
21
5
OUT2
Power Output
Output 2.
22
7
VCP
Output
Charge Pump Oscillator Output.
23
8
H2
Sensor Input
Single Ended Hall Effect Sensor Input 2.
24
9
H3
Sensor Input
Single Ended Hall Effect Sensor Input 3.
ELECTRICAL CHARACTERISTICS
(VS = 48V , Tamb = 25 °C , unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VSth(ON) Turn ON threshold
6.6
7
7.4
V
VSth(OFF) Turn OFF threshold
5.6
6
6.4
V
IS
Quiescent Supply Current
All Bridges OFF;
Tj = -25 to 125°C (6)
510
mA
TJ(OFF)
Thermal Shutdown Temperature
165
°C
Output DMOS Transistors
RDS(ON) High-Side Switch ON Resistance
Tj = 25 °C
0.34
0.4
Ω
Tj =125 °C
(6)
0.53
0.59
Ω
Low-Side Switch ON Resistance
Tj = 25 °C
0.28
0.34
Ω
Tj =125 °C
(6)
0.47
0.53
Ω
IDSS
Leakage Current
EN = Low; OUT = VCC
2mA
EN = Low; OUT = GND
-0.15
mA
Source Drain Diodes
VSD
Forward ON Voltage
ISD = 2.8A, EN = LOW
1.15
1.3
V
trr
Reverse Recovery Time
If = 2.8A
300
ns
tfr
Forward Recovery Time
200
ns
Logic Input (H1, H2, H3, EN, FWD/REV, BRAKE)
VIL
Low level logic input voltage
-0.3
0.8
V
VIH
High level logic input voltage
2
7
V
IIL
Low level logic input current
GND Logic Input Voltage
-10
µA
IIH
High level logic input current
7V Logic Input Voltage
10
µA
Vth(ON)
Turn-ON Input Threshold
1.8
2.0
V
Vth(OFF) Turn-OFF Input Threshold
0.8
1.3
V
VthHYS
Input Thresholds Hysteresys
0.25
0.5
V
PIN DESCRIPTION (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com