Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8012ARMZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD8012ARMZ
Description  Dual 350 MHz Low Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8012ARMZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8012ARMZ Datasheet HTML 5Page - Analog Devices AD8012ARMZ Datasheet HTML 6Page - Analog Devices AD8012ARMZ Datasheet HTML 7Page - Analog Devices AD8012ARMZ Datasheet HTML 8Page - Analog Devices AD8012ARMZ Datasheet HTML 9Page - Analog Devices AD8012ARMZ Datasheet HTML 10Page - Analog Devices AD8012ARMZ Datasheet HTML 11Page - Analog Devices AD8012ARMZ Datasheet HTML 12Page - Analog Devices AD8012ARMZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. B
AD8012
–9–
FREQUENCY – MHz
–20
–80
100
500
–30
–60
VIN = 0.2V p-p
VS = 5V, +5V
–40
–50
–70
–90
–10
0
1
0.03
0.1
10
–100
TPC 19. CMRR vs. Frequency; VS =
±5 V, +5 V
FREQUENCY – MHz
3
–3
100
500
2
–1
VO = 0.3V p-p
RF = 750
RL = 100
VS = +5V
1
0
–2
–4
4
5
G = +10
G = +2
G = +1
–5
10
1
TPC 20. Frequency Response; VS = +5 V
FREQUENCY
MHz
–3
–21
100
500
–6
–15
G = +2
RF = 750
RL = 100
VS = +5V
–9
–12
–18
–24
0
3
–27
10
1
1VRMS
TPC 21. Output Voltage vs. Frequency; VS = +5 V,
G = +2, RL = 100
Ω
0
–10
–20
–30
–40
–60
–70
–80
100k
1M
10M
100M
500M
FREQUENCY – Hz
–50
–90
–100
VS = +5V OR 5V
G = +2
RF = 750
–PSRR
+PSRR
TPC 22. PSRR vs. Frequency; VS =
±5 V, +5 V
FREQUENCY – MHz
100
0.1
100
500
1
10
1k
0.01
1
0.03
0.1
10
VS = 5V
VS = +5V
G = +2
RF = 750
TPC 23. Output Resistance vs. Frequency
135
115
95
75
55
15
–5
FREQUENCY
Hz
35
0
–40
–80
–120
–160
–200
–240
–280
TZ(s)
PHASE
1k
10k
100k
1M
10M
100M
1G
TPC 24. Open-Loop Transimpedance and
Phase vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com