Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6242 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6242
Description  VOICE COIL MOTOR DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6242 Datasheet(HTML) 1 Page - STMicroelectronics

  L6242 Datasheet HTML 1Page - STMicroelectronics L6242 Datasheet HTML 2Page - STMicroelectronics L6242 Datasheet HTML 3Page - STMicroelectronics L6242 Datasheet HTML 4Page - STMicroelectronics L6242 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
L6242
VOICE COIL MOTOR DRIVER
ADVANCE DATA
OUTPUT CURRENT UP TO 1A
OPERATES AT LOW VOLTAGES WITH LOW
COIL RESISTANCE OF THE MOTOR
LARGE COMMON MODE AND DIFFEREN-
TIAL MODE RANGE
LOW INPUT OFFSET VOLTAGE
THERMAL SHUT-DOWN
ENABLE FUNCTION
INTERNAL CLAMP DIODES
DESCRIPTION
The L6242 is a monolithic integrated circuit in SO-20
package intended for use as a dual power opera-
tional amplifier. It is particularly indicated for driv-
ing inductive loads as linear motor, and finds ap-
plication in Hard Disc, Compact-Disc, etc.
The two power operational amplifiers are control-
led by a common enable input.
The high gain and output power capability provide
superior performance whatever a power booster
is required.
November 1991
T
is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
PIN CONNECTION AND BLOCK DIAGRAM
SO20
ORDERING NUMBER: L6242
1/5


Similar Part No. - L6242

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
L624 CRYDOM-L624 Datasheet
585Kb / 4P
Power Modules
logo
Agilent(Hewlett-Packard...
L6241306 HP-L6241306 Datasheet
197Kb / 2P
Portable Helium Leak Detector
L6241306 HP-L6241306 Datasheet
197Kb / 2P
Portable Dry Helium Leak Detector
L6241306 HP-L6241306 Datasheet
214Kb / 2P
Mobile Helium Leak Detector
L6241306 HP-L6241306 Datasheet
214Kb / 2P
Mobile Helium Leak Detector
More results

Similar Description - L6242

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6243 STMICROELECTRONICS-L6243 Datasheet
113Kb / 12P
VOICE COIL MOTOR DRIVER
Jul-1996
L6243DS STMICROELECTRONICS-L6243DS Datasheet
91Kb / 8P
VOICE COIL MOTOR DRIVER
Feb-1998
L6246 STMICROELECTRONICS-L6246 Datasheet
103Kb / 12P
12V VOICE COIL MOTOR DRIVER
Feb-1998
logo
Vishay Siliconix
SI9961 VISHAY-SI9961 Datasheet
69Kb / 8P
12-V Voice Coil Motor Driver
24-Jun-02
logo
Rohm
BA6832FS ROHM-BA6832FS Datasheet
106Kb / 8P
Voice coil motor driver
logo
Allegro MicroSystems
8932-A ALLEGRO-8932-A Datasheet
164Kb / 8P
VOICE-COIL MOTOR DRIVER
8936 ALLEGRO-8936 Datasheet
102Kb / 10P
VOICE COIL MOTOR DRIVER
8958 ALLEGRO-8958 Datasheet
113Kb / 8P
VOICE COIL MOTOR DRIVER
logo
Hitachi Semiconductor
HA13470 HITACHI-HA13470 Datasheet
129Kb / 6P
VOICE COIL MOTOR DRIVER
logo
Allegro MicroSystems
A3907 ALLEGRO-A3907_16 Datasheet
406Kb / 11P
Low Voltage Voice Coil Motor Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com