Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25CS160-E/SN Datasheet(PDF) 7 Page - Microchip Technology

Part # 25CS160-E/SN
Description  16-Kbit SPI Serial EEPROM with 128-Bit Serial Number
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CS160-E/SN Datasheet(HTML) 7 Page - Microchip Technology

Back Button 25CS160-E/SN Datasheet HTML 3Page - Microchip Technology 25CS160-E/SN Datasheet HTML 4Page - Microchip Technology 25CS160-E/SN Datasheet HTML 5Page - Microchip Technology 25CS160-E/SN Datasheet HTML 6Page - Microchip Technology 25CS160-E/SN Datasheet HTML 7Page - Microchip Technology 25CS160-E/SN Datasheet HTML 8Page - Microchip Technology 25CS160-E/SN Datasheet HTML 9Page - Microchip Technology 25CS160-E/SN Datasheet HTML 10Page - Microchip Technology 25CS160-E/SN Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20007008B-page 7
25CS160
FIGURE 1-1:
INPUT TEST WAVEFORMS
AND MEASUREMENT
LEVELS
FIGURE 1-2:
OUTPUT TEST LOAD
17
THH
HOLD Hold Time
5—
ns
VCC ≥ 4.5V, TAMB ≤ +125°C
10
—
ns
VCC ≥ 2.5V
20
—
ns
VCC ≥ 1.7V
18
THZ
HOLD Low to Output
High Z
—30
ns
VCC ≥ 4.5V, TAMB ≤ +125°C (Note 1)
—60
ns
VCC ≥ 2.5V (Note 1)
—
160
ns
VCC ≥ 1.7V (Note 1)
19
THV
HOLD High to Output Valid
—30
ns
VCC ≥ 4.5V, TAMB ≤ +125°C
—60
ns
VCC ≥ 2.5V
—
160
ns
VCC ≥ 1.7V
20
TUVL
UVLO Detection Time
50
—
µs
21
TWC
Internal Write Cycle Time
—
4
ms
Note 2
TABLE 1-2:
AC CHARACTERISTICS (CONTINUED)
AC CHARACTERISTICS
Electrical Characteristics:
Industrial (I): TAMB = -40°C to +85°C
VCC = 1.7V to 5.5V
Extended (E): TAMB = -40°C to +125°C VCC = 1.8V to 5.5V
Extended (H): TAMB = -40°C to +150°C VCC = 2.5V to 5.5V
Param.
No.
Symbol
Characteristic
Min.
Max.
Units
Test Conditions
Note 1: This parameter is not 100% tested but is ensured by characterization.
2: TWC begins on the rising edge of CS after a valid write sequence and ends when the internal write cycle is
complete.
0.9 VCC
0.1 VCC
VCC/2
AC
Measurement
Level
AC
Driving
Level
Note:
tR, tF < 2 ns (10% to 90%)
Device
under
Test
30 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com