Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8057 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8057
Description  Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8057 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8057 Datasheet HTML 8Page - Analog Devices AD8057 Datasheet HTML 9Page - Analog Devices AD8057 Datasheet HTML 10Page - Analog Devices AD8057 Datasheet HTML 11Page - Analog Devices AD8057 Datasheet HTML 12Page - Analog Devices AD8057 Datasheet HTML 13Page - Analog Devices AD8057 Datasheet HTML 14Page - Analog Devices AD8057 Datasheet HTML 15Page - Analog Devices AD8057 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. B
AD8057/AD8058
–13–
For 0 V input, the outputs of the op amps want to be at 2.5 V,
which is the midsupply level of the ADCs. This is accomplished by
first taking the 2.5 V reference output of the ADC and divid-
ing it by two by a pair of 1 k
Ω resistors. The resulting 1.25 V is
applied to each op amp’s positive input. This voltage is then
multiplied by the gain of +2 of the op amps to provide a 2.5 V
level at each output.
The assumption for this circuit is that the input signal is bipolar
with respect to ground and the circuit must be dc-coupled. This
implies the existence of a negative supply elsewhere in the sys-
tem. This circuit uses –5 V as the negative supply for the AD8058.
If the AD8058 negative supply were tied to ground, there would
be a problem at the input of the noninverting op amp. The
input common-mode voltage can only go to within 1 V of the
negative rail. Since this circuit requires that the positive inputs
operate with a 1.25 V bias, there is not enough room to swing
this voltage in the negative direction. The inverting stage does
not have this problem because its common-mode input voltage
remains fixed at 1.25 V. If dc coupling is not required, various
ac coupling techniques can be used to eliminate this problem.
Layout
The AD8057 and AD8058 are high speed op amps and should
be used in a board layout that follows standard high speed design
rules. All the signal traces should be as short and direct as pos-
sible. In particular, the parasitic capacitance on the inverting
input of each device should be kept to a minimum to avoid
excessive peaking and other undesirable performance.
The power supplies should be bypassed very close to the power
pins of the package with 0.1
µF in parallel with a larger, approxi-
mately 10
µF tantalum capacitor. These capacitors should be
connected to a ground plane that is either on an inner layer or
fills the area of the board that is not used for other signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com