Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25CS160-E/OT Datasheet(PDF) 29 Page - Microchip Technology

Part # 25CS160-E/OT
Description  16-Kbit SPI Serial EEPROM with 128-Bit Serial Number
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CS160-E/OT Datasheet(HTML) 29 Page - Microchip Technology

Back Button 25CS160-E/OT Datasheet HTML 25Page - Microchip Technology 25CS160-E/OT Datasheet HTML 26Page - Microchip Technology 25CS160-E/OT Datasheet HTML 27Page - Microchip Technology 25CS160-E/OT Datasheet HTML 28Page - Microchip Technology 25CS160-E/OT Datasheet HTML 29Page - Microchip Technology 25CS160-E/OT Datasheet HTML 30Page - Microchip Technology 25CS160-E/OT Datasheet HTML 31Page - Microchip Technology 25CS160-E/OT Datasheet HTML 32Page - Microchip Technology 25CS160-E/OT Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20007008B-page 29
25CS160
9.2.2
DETERMINING THE LOCK STATE
OF THE SECURITY REGISTER
To determine whether or not the user-programmable,
lockable ID page of the Security register is locked, the
25CS160 includes a CHLK instruction. To determine the
lock status, the opcode 83h must be clocked into the
device on the SI line. The address bit A10 must be
equal to logic ‘1’, while the other address bits are “don’t
care”. Data bit 0 of the data byte clocked out on the SO
line determines the lock state; the other bits of the data
byte are “don’t care” bits. A data response of
xxxxxxx1b indicates the region is locked, while a
xxxxxxx0b response indicates that the region is not
locked.
FIGURE 9-5:
CHECK SECURITY REGISTER LOCK (
CHLK) SEQUENCE
CS
10 0 0 00 11
A A A
RDEX Opcode (83h)
XX XX X 1
SI
Data Out
SO
MSb
MSb
MSb
High-Impedance
Note 1:
A15 through A0 are “don't care” bits, except for A10, which must be a logic ‘1’.
D7
D5 D4 D3 D2 D1 D0
D6
SCK
1
0
234
567
9 10 11 12
31
30
29
28
27
26
24
23
22
21
8
25
Address Bits A15-A0(1)
10 0 0 00 11
A A A
XX XX X
SI
High-Impedance
D7
D5 D4 D3 D2 D1 D0
D6
Address Bits A15-A0(1)
xxxxxxx1b = Locked
xxxxxxx0b = Unlocked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com