Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25CS160T-H/MS Datasheet(PDF) 2 Page - Microchip Technology

Part # 25CS160T-H/MS
Description  16-Kbit SPI Serial EEPROM with 128-Bit Serial Number
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CS160T-H/MS Datasheet(HTML) 2 Page - Microchip Technology

  25CS160T-H/MS Datasheet HTML 1Page - Microchip Technology 25CS160T-H/MS Datasheet HTML 2Page - Microchip Technology 25CS160T-H/MS Datasheet HTML 3Page - Microchip Technology 25CS160T-H/MS Datasheet HTML 4Page - Microchip Technology 25CS160T-H/MS Datasheet HTML 5Page - Microchip Technology 25CS160T-H/MS Datasheet HTML 6Page - Microchip Technology 25CS160T-H/MS Datasheet HTML 7Page - Microchip Technology 25CS160T-H/MS Datasheet HTML 8Page - Microchip Technology 25CS160T-H/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20007008B-page 2
25CS160
General Description
The Microchip Technology Inc. 25CS160 provides
16 Kbits of Serial EEPROM utilizing the Serial
Peripheral Interface (SPI) compatible bus. The device
is organized as 2,048 bytes of 8 bits each (2-Kbyte) and
is optimized for use in consumer and industrial
applications where reliable and dependable nonvolatile
memory storage is essential. The 25CS160 is capable
of operation across a broad voltage range (1.7V to
5.5V).
The bus signals required are a clock input (SCK) plus
separate data in (SI) and data out (SO) lines. Access to
the device is controlled through a Chip Select (CS)
input. Communication to the device can be paused via
the HOLD pin. While the device is paused, transitions
on its inputs will be ignored, with the exception of Chip
Select, allowing the host to service higher-priority
interrupts.
The 25CS160 features a nonvolatile Security register
independent of the 16-Kbit main memory array. The
first half of the Security register is read-only and
contains a factory-programmed, globally unique,
128-bit serial number in the first 16 bytes. The 128-bit
serial number is unique across the entire CS series of
Serial
EEPROM
products
and
eliminates
the
time-consuming step of performing and ensuring
serialization of a product on a manufacturing line.
The 128-bit read-only serial number is followed by an
additional 32 bytes of user-programmable EEPROM.
The user-programmable section of the Security
register can later be permanently write-protected via a
software sequence.
To protect against brown-out events, an undervoltage
lockout detection circuit inhibits all write sequences
when VCC supply voltage drops below the set voltage
level. The voltage level is configurable via the
Undervoltage Lockout Detection (UVLO) register.
For added reliability, the 25CS160 utilizes a built-in
Error Correction Code (ECC) scheme. This scheme
can correct up to one incorrectly read bit within a
one-byte readout. Additionally, the 25CS160 includes a
flag in the STATUS register to report if any errors were
detected and corrected in the most recent memory
array read sequence.
The 25CS160 features an Identification register that
contains identification information that can be read
from the device. This enables the application to
electronically query and identify the 25CS160 while it is
in the system. The identification method and the
instruction opcode comply with the JEDEC® standard
for “Manufacturer and Device ID Read Methodology for
SPI Compatible Serial Interface Memory Devices”.
The type of information that can be read from the
device includes the JEDEC®-defined Manufacturer ID,
the vendor-specific Device ID and the vendor-specific
Extended Device Information (EDI).
Bus Connections for the 25CS160
SPI MCU
Client 0
25XXX
SPI CK
MISO
MOSI
CS3 CS2 CS1 CS0
SI
SO SCK
CS
Client 1
25XXX
SI
SO SCK
Client 2
25XXX
SI
SO SCK
Client 3
25XXX
SI
SO SCK
CS
CS
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com