Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6243D Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6243D
Description  VOICE COIL MOTOR DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6243D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6243D Datasheet HTML 2Page - STMicroelectronics L6243D Datasheet HTML 3Page - STMicroelectronics L6243D Datasheet HTML 4Page - STMicroelectronics L6243D Datasheet HTML 5Page - STMicroelectronics L6243D Datasheet HTML 6Page - STMicroelectronics L6243D Datasheet HTML 7Page - STMicroelectronics L6243D Datasheet HTML 8Page - STMicroelectronics L6243D Datasheet HTML 9Page - STMicroelectronics L6243D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
FUNCTIONAL DESCRIPTION (continued)
Function
Description
VCC input
This is the Power Supply input.
POWER FAIL
THRESH
Input for the VCC supply monitor. The Threshold can be externally set via a voltage divider.
VCC SENSE OUT
Output
TTL compatible signal indicating the VCC supply has dropped below the POWER FAIL
THRESHOLD.
LOGIC SUPPLY
SENSE input
This input is used to monitor the Five Volt Logic Supply for the external control and other support
IC’s. The LOGIC SUPPLY SENSE operates independently of the 12V Power Supply. When a
5V supply failure is detected a POWER ON RESET is generated.
5V FILTER input
This pin allows for the application of filter circuitry in order to avoid false triggering.
PARK POWER
input
This input is used during the Power Down/Power Fail Parking operation. When the supply goes
down, a typical Spindle Driver Circuit automatically tristates its output stages. During this time
the spindle motor spins freely and the stored energy is used to drive the VCM to the park
position. The generated BEMF is rectified and filtered across an external PARKING
CAPACITOR.
PROGRAMMABLE
PARK VOLTAGE
input
Used to set the voltage applied to the VCM during an Automatic Parking Operation.
PARK
input
Logic signal asserted low, activates parking.
POWER ON
RESET output
Indicates an error condition to the external control and support circuitry. A Logic Supply Fail
condition automatically initiates a POWER ON RESET. Internal 30k Pullup to LSS.
POWER ON
RESET DELAY
input
The intent of this input is to provide a time delay at power up. During this time, the POWER ON
RESET line will be asserted (low). A POWER ON RESET, will hold the system in the PARK
mode.
Once the delay has timed out, the POWER ON RESET will be removed to allow the
external system to assume control. When applied in a Disk Drive Application, the POWER ON
RESET DELAY will be required to have a minimum duration which will ensure that the
Read/Write Heads can be fully parked.
WRITE DISABLE
output
Becomes asserted a few microseconds prior to the assertion of POWER ON RESET.
Internal 30k Pullup to LSS.
ENABLE
input
This signal originates at the external controller and, when asserted, allows the VCM Drivers to
operate. When deasserted the VCM Driver is forced into Tristate mode. During a POWER ON
RESET condition however, the parking operation is automatic and takes priority over the
ENABLE function. Only at the end of the POWER ON RESET DELAY will the ENABLE input
become active. If active parking is desired, it will be accomplished under control of the VIN
signal, otherwise it is an automatic function at power down.
VREF input
The reference voltage input is basically that voltage, at which the output current is zero.
ERROR AMP IN
input
Inverting input of error amplifier. The non inverting one is internally tied to Vref.
Open collector output.
ERROR AMP OUT
output
Error amplifier output pin.
OUTPUT A power
output
Voice Coil power output.
OUTPUT B power
output
Voice Coil power output.
SENSE AMP IN
A/B
signal input
Sense amplifier input pins. The sense resistor is connected across these pins.
SENSE AMP OUT
signal output
Output pin of sense amplifier.
AMPOUT
output
Output of an internal op-amp for general application.
AMP+ input
General purpose op-amp non inverting input.
AMP- input
General purpose op-amp inverting input.
L6243-L6243D
6/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com