Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8024 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8024
Description  Quad 350 MHz 24 V Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8024 Datasheet(HTML) 3 Page - Analog Devices

  AD8024 Datasheet HTML 1Page - Analog Devices AD8024 Datasheet HTML 2Page - Analog Devices AD8024 Datasheet HTML 3Page - Analog Devices AD8024 Datasheet HTML 4Page - Analog Devices AD8024 Datasheet HTML 5Page - Analog Devices AD8024 Datasheet HTML 6Page - Analog Devices AD8024 Datasheet HTML 7Page - Analog Devices AD8024 Datasheet HTML 8Page - Analog Devices AD8024 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
–3–
REV. C
AD8024
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage VCC – VEE ................... 26 V Total
Internal Power Dissipation
Small Outline (R) ..... 1.0 Watts (Observe Derating Curve)
Input Voltage (Common Mode) ...................
±VS
Differential Input Voltage ...............
±3 V (Clamped)
Output Voltage Limit
Maximum .................................. +VS
Minimum ................................... –VS
Output Short Circuit Duration
...................... Observe Power Derating Curve
Storage Temperature Range
R Package ........................ –65
°C to +125°C
Operating Temperature Range
AD8024A .......................... –40
°C to +85°C
Lead Temperature Range (Soldering 10 sec) ......... 300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
Maximum Power Dissipation
The maximum power that can be safely dissipated by the AD8024
is limited by the associated rise in junction temperature. The
maximum safe junction temperature for the plastic encapsulated
parts is determined by the glass transition temperature of the
plastic, about 150
°C. Temporarily exceeding this limit may
cause a shift in parametric performance due to a change in the
stresses exerted on the die by the package. Exceeding a junction
temperature of 175
°C for an extended period can result in
device failure.
Output Short Circuit Limit
The AD8024’s internal short circuit limitation is not sufficient
to protect the device in the event of a direct short circuit between
a video output and a power supply voltage rail (VCC or VEE).
Temporary short circuits can reduce an output’s ability to source
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD8024 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
or sink current and therefore impact the device’s ability to drive
a load. Short circuits of extended duration can cause metal
lines to fuse open, rendering the device nonfunctional.
To prevent these problems, it is recommended that a series
resistor be placed as close as possible to the outputs. This will
serve to substantially reduce the magnitude of the fault currents
and protect the outputs from damage caused by intermittent
short circuits. This may not be enough to guarantee that the
maximum junction temperature (150
°C) is not exceeded under
all conditions. To ensure proper operation, it is necessary to
observe the maximum power derating curve in Figure 2.
It must also be noted that in (noninverting) gain configurations
(with low values of gain resistor), a high level of input overdrive
can result in a large input error current, which may then result
in a significant power dissipation in the input stage. This power
must be included when computing the junction temperature rise
due to total internal power.
AMBIENT TEMPERATURE – C
2.5
2.0
0.5
–50
90
–40 –30 –20
0
10 2030
40 5060 7080
1.5
1.0
–10
TJ = 150 C
16-LEAD SOIC
Figure 2. Maximum Power Dissipation vs. Ambient
Temperature
Model
Conditions
Min
Typ
Max
Unit
DISABLE CHARACTERISTICS
Off Isolation
f = 6 MHz
49
dB
Off Output Impedance
20
pF
Turn-On Time
25
ns
Turn-Off Time
20
ns
Switching Threshold
VTH – DGND
1.3
1.6
1.9
V
OPERATING TEMPERATURE RANGE
–40
+85
°C
Specifications subject to change without notice.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD8024AR
–40
°C to +85°C
16-Lead Narrow-Body SOIC
R-16A
AD8024AR-REEL
–40
°C to +85°C
16-Lead Narrow-Body SOIC
13" Tape and Reel
AD8024AR-REEL7
–40
°C to +85°C
16-Lead Narrow-Body SOIC
7" Tape and Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com