Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8051ART-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8051ART-R2
Description  Low Cost, High Speed, Rail-to-Rail Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8051ART-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8051ART-R2 Datasheet HTML 10Page - Analog Devices AD8051ART-R2 Datasheet HTML 11Page - Analog Devices AD8051ART-R2 Datasheet HTML 12Page - Analog Devices AD8051ART-R2 Datasheet HTML 13Page - Analog Devices AD8051ART-R2 Datasheet HTML 14Page - Analog Devices AD8051ART-R2 Datasheet HTML 15Page - Analog Devices AD8051ART-R2 Datasheet HTML 16Page - Analog Devices AD8051ART-R2 Datasheet HTML 17Page - Analog Devices AD8051ART-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD8051/AD8052/AD8054
Rev. H | Page 14 of 24
LOAD CURRENT (mA)
1.0
0.3
0
0.9
0.4
0.2
0.1
0.7
0.5
0.8
0.6
VS = 5V
VOH = +85°C
VOH = +25°C
VOH = –40°C
VOL = +85°C
VOL = +25°C
VOL = –40°C
80 85
75
70
65
60
55
50
45
40
35
30
25
20
15
10
5
0
Figure 31. AD8051/AD8052 Output Saturation Voltage vs. Load Current
100
90
60
80
70
OUTPUT VOLTAGE (V)
RL = 2kΩ
RL = 150Ω
VS = 5V
05
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
.0
Figure 32. Open-Loop Gain vs. Output Voltage
LOAD CURRENT (mA)
1.000
0.500
0
0.875
0.750
0.250
0.125
0.625
0.375
30
27
24
21
18
15
12
9
6
3
0
+5V – VOH (+125°C)
+5V – VOH (+25°C)
+5V – VOH (–40°C)
VOL (+125°C)
VOL (+25°C)
VOL (–40°C)
VS = 5V
Figure 33. AD8054 Output Saturation Voltage vs. Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com