Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8024AR Datasheet(PDF) 2 Page - Analog Devices

Part # AD8024AR
Description  Quad 350 MHz 24 V Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8024AR Datasheet(HTML) 2 Page - Analog Devices

  AD8024AR Datasheet HTML 1Page - Analog Devices AD8024AR Datasheet HTML 2Page - Analog Devices AD8024AR Datasheet HTML 3Page - Analog Devices AD8024AR Datasheet HTML 4Page - Analog Devices AD8024AR Datasheet HTML 5Page - Analog Devices AD8024AR Datasheet HTML 6Page - Analog Devices AD8024AR Datasheet HTML 7Page - Analog Devices AD8024AR Datasheet HTML 8Page - Analog Devices AD8024AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
–2–
REV. C
AD8024–SPECIFICATIONS (@ T
A = 25 C, VS =
7.5 V, CLOAD = 10 pF, RL = 150
, unless otherwise noted.)
Model
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Bandwidth (3 dB)
RFB = 800
Ω, No Peaking, G = +3
160
200
MHz
Bandwidth (0.1 dB)
No Peaking, G = +3
25
MHz
Slew Rate
6 V Step, G = +3, CLOAD = 300 pF
370
390
V/
µs
Settling Time to 0.1%
TA = 25
°C to 85°C, ±3 V (6 V Step)
30
ns
CLOAD = 300 pF, RS = 10.5
Ω, RLOAD > 1 kΩ,
RFB = 2.32 k
Ω
±1 V (2 V Step), CLOAD = 5 pF,
18
ns
RS = 0
Ω, R
LOAD > 1 k
Ω, R
FB = 750 k
Ω
NOISE/HARMONIC PERFORMANCE
Total Harmonic Distortion
fC = 5 MHz, RL = 1 k
Ω
–72
dBc
fC = 5 MHz, RL = 150
Ω
–67
dBc
Input Voltage Noise
f = 10 kHz
3
nV/
√Hz
Input Current Noise
f = 10 kHz (–IIN)
8
pA/
√Hz
Differential Gain (RL = 150
Ω)
f = 3.58 MHz, G = +2
0.04
%
Differential Phase (RL = 150
Ω)
f = 3.58 MHz, G = +2
0.09
Degrees
DC PERFORMANCE
Input Offset Voltage
TMIN to TMAX
25
mV
Offset Drift
1.5
µV/°C
+Input Bias Current
1
7.5
µA
–Input Bias Current
13
µA
Open-Loop Transresistance
0.850
1.2
M
Ω
TMIN to TMAX
0.840
M
Ω
INPUT CHARACTERISTICS
Input Resistance
+Input
TMIN to TMAX
1M
Ω
–Input
TMIN to TMAX
135
Ω
Input Capacitance
2pF
Input Common-Mode Voltage
–VS + 1.2
+VS – 2
V
Common-Mode Rejection Ratio
Input Offset Voltage
62
66
dB
–Input Current
0.2
µA/V
+Input Current
1
µA/V
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 1 k
Ω
VOL – VEE
0.8
1.0
V
VCC – VOH
1.1
1.3
V
RL = 150
Ω
VOL – VEE
1.0
1.35
V
VCC – VOH
1.3
1.55
V
Linear Output Current
Error <3%, R1 = 50
Ω
35
50
mA
Max Dynamic Output Current
300
mA
Capacitive Load Drive
1000
pF
MATCHING CHARACTERISTICS
Dynamic
Crosstalk (Worst Between Any 2)
G = +2, f = 5 MHz
–58
dB
DC
Input Offset Voltage Match
0.4
1.5
mV
Input Current Match
0.1
2.0
µA
POWER SUPPLY
Operating Range
Single Supply
5
24
V
Dual Supply
±2.5
±12
V
Total Quiescent Current
16
17
mA
TMIN to TMAX
19.5
mA
Disable = HIGH
0.5
1
mA
Power Supply Rejection Ratio
Input Offset Voltage
VS =
±6.5 V to ±8.5 V
64
70
dB
–Input Current
0.03
µA/V
+Input Current
0.07
µA/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com