Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8031ARZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD8031ARZ
Description  2.7 V, 800 關A, 80 MHz Rail-to-Rail I/O Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8031ARZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8031ARZ Datasheet HTML 11Page - Analog Devices AD8031ARZ Datasheet HTML 12Page - Analog Devices AD8031ARZ Datasheet HTML 13Page - Analog Devices AD8031ARZ Datasheet HTML 14Page - Analog Devices AD8031ARZ Datasheet HTML 15Page - Analog Devices AD8031ARZ Datasheet HTML 16Page - Analog Devices AD8031ARZ Datasheet HTML 17Page - Analog Devices AD8031ARZ Datasheet HTML 18Page - Analog Devices AD8031ARZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD8031/AD8032
Rev. C | Page 15 of 20
1000
10
100
CLOSED-LOOP GAIN (V/V)
1
012345
RS =5Ω
RS =0Ω
RS =20Ω
RS =20Ω
RS =0Ω,5Ω
VS =5V
200mV STEP
WITH 30% OVERSHOOT
RG
RF
RS
CL
VOUT
DRIVING CAPACITIVE LOADS
Capacitive loads interact with an op amp’s output impedance to
create an extra delay in the feedback path. This reduces circuit
stability and can cause unwanted ringing and oscillation. A
given value of capacitance causes much less ringing when the
amplifier is used with a higher noise gain.
The capacitive load drive of the AD8031/AD8032 can be
increased by adding a low valued resistor in series with the
capacitive load. Introducing a series resistor tends to isolate the
capacitive load from the feedback loop, thereby diminishing its
influence. Figure 46 shows the effects of a series resistor on the
capacitive drive for varying voltage gains. As the closed-loop
gain is increased, the larger phase margin allows for larger
capacitive loads with less overshoot. Adding a series resistor at
lower closed-loop gains accomplishes the same effect. For large
capacitive loads, the frequency response of the amplifier is
dominated by the roll-off of the series resistor and capacitive load.
Figure 46. Capacitive Load Drive vs. Closed-Loop Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com