Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM34 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM34
Description  Precision Fahrenheit Temperature Sensors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM34 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM34 Datasheet HTML 3Page - National Semiconductor (TI) LM34 Datasheet HTML 4Page - National Semiconductor (TI) LM34 Datasheet HTML 5Page - National Semiconductor (TI) LM34 Datasheet HTML 6Page - National Semiconductor (TI) LM34 Datasheet HTML 7Page - National Semiconductor (TI) LM34 Datasheet HTML 8Page - National Semiconductor (TI) LM34 Datasheet HTML 9Page - National Semiconductor (TI) LM34 Datasheet HTML 10Page - National Semiconductor (TI) LM34 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Typical Applications
Temperature Rise of LM34 Due to Self-Heating (Thermal Resistance)
Conditions
TO-46,
TO-46,
TO-92,
TO-92,
SO-8
SO-8
No Heat
Sink
Small Heat Fin
(Note 14)
No Heat
Sink
Small Heat Fin
(Note 15)
No Heat
Sink
Small Heat Fin
(Note 15)
Still air
720˚F/W
180˚F/W
324˚F/W
252˚F/W
400˚F/W
200˚F/W
Moving air
180˚F/W
72˚F/W
162˚F/W
126˚F/W
190˚F/W
160˚F/W
Still oil
180˚F/W
72˚F/W
162˚F/W
126˚F/W
Stirred oil
90˚F/W
54˚F/W
81˚F/W
72˚F/W
(Clamped to metal,
(43˚F/W)
(95˚F/W)
infinite heat sink)
Note 14: Wakefield type 201 or 1" disc of 0.020" sheet brass, soldered to case, or similar.
Note 15: TO-92 and SO-8 packages glued and leads soldered to 1" square of 1/16" printed circuit board with 2 oz copper foil, or similar.
DS006685-7
FIGURE 3. LM34 with Decoupling from Capacitive Load
DS006685-8
FIGURE 4. LM34 with R-C Damper
Two-Wire Remote Temperature Sensor
(Grounded Sensor)
DS006685-9
VOUT = 10mV/˚F (TA+3˚F)
FROM +3˚F TO + 100˚F
Two-Wire Remote Temperature Sensor
(Output Referred to Ground)
DS006685-10
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com