Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8022 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8022
Description  Dual High Speed, Low Noise Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8022 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8022 Datasheet HTML 5Page - Analog Devices AD8022 Datasheet HTML 6Page - Analog Devices AD8022 Datasheet HTML 7Page - Analog Devices AD8022 Datasheet HTML 8Page - Analog Devices AD8022 Datasheet HTML 9Page - Analog Devices AD8022 Datasheet HTML 10Page - Analog Devices AD8022 Datasheet HTML 11Page - Analog Devices AD8022 Datasheet HTML 12Page - Analog Devices AD8022 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD8022
Rev. B | Page 9 of 16
OUTPUT VOLTAGE (V p-p)
0
–20
–40
–60
–120
–100
–80
0
1.5
0.5
1.0
2.0
2.5
3.0
3RD
2ND
Figure 22. Distortion vs. Output Voltage, VS = ±2.5 V,
G = +1, f = 1 MHz, RL = 500 Ω, RF = 0 Ω
+V
–V
AD8022
1/2
AD8022
1/2
250
Ω
715
Ω
715
Ω
500
Ω
Figure 23. Multitone Power Ratio Test Circuit
FREQUENCY (kHz)
549.3
559.3
558.3
557.3
556.3
555.3
554.3
553.3
552.3
551.3
550.3
–66.0dBc
Figure 24. Multitone Power Ratio: VS = ±12 V, RL = 500 Ω,
Full Rate ADSL (DMT), Downstream
FREQUENCY (kHz)
102.4 103.4 104.4 105.4 106.4 107.4 108.4 109.4
112.4
111.4
110.4
–67.2dBc
Figure 25. Multitone Power Ratio: VS = ±12 V, RL = 500 Ω,
Full Rate ADSL (DMT), Upstream
FREQUENCY (kHz)
549.3
559.3
558.3
557.3
556.3
555.3
554.3
553.3
552.3
551.3
550.3
–66.7dBc
Figure 26. Multitone Power Ratio: VS = ±6 V, RL = 500 Ω,
Full Rate ADSL (DMT), Downstream
FREQUENCY (kHz)
102.4 103.4 104.4 105.4 106.4 107.4 108.4 109.4
112.4
111.4
110.4
–69.0dBc
Figure 27. Multitone Power Ratio: VS = ±6 V, RL = 500 Ω,
Full Rate ADSL (DMT), Upstream



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com